Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MPZ2012S601

  • AI
    The **MPZ2012S601** is a high-performance **Chip Bead (Ferrite Bead)** manufactured by TDK Corporation. It is specifically designed for noise suppression in power supply lines. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Case Size (EIA/Metric)** | 0805 / 2012 | | **Dimensions (L x W x T)** | 2.00mm x 1.25mm x 0.85mm | | **Impedance (at 100MHz)** | 600 $\Omega$ (±25%) | | **DC Resistance (Max)** | 0.10 $\Omega$ | | **Rated Current (Max)** | 2.0 A | | **Operating Temperature** | -55°C to +125°C | --- ### 2. Physical Construction and Series Meaning The part number follows a specific nomenclature: * **MPZ**: Multi-layer Power chip Bead (High current type). * **2012**: Dimensions (2.0mm length by 1.2mm width). * **S**: Standard material type (covers a broad frequency range). * **601**: Impedance value. The first two digits are significant figures, and the third is the multiplier (60 x $10^1$ = 600 $\Omega$). --- ### 3. Functional Role in Electronics The MPZ2012S601 acts as a **low-pass filter**. It is placed in series with a power line to: * **Attenuate High-Frequency Noise:** It converts high-frequency electromagnetic interference (EMI) into heat through its resistive property at high frequencies. * **Handle High Current:** Unlike standard signal beads, the MPZ series has low DC resistance, allowing it to carry up to 2 Amps without significant voltage drops or overheating. * **DC Power Smoothing:** It is commonly used to isolate noisy digital circuits from sensitive analog power rails. ### 4. Typical Applications * **Consumer Electronics:** Smartphones, tablets, and portable gaming devices. * **Industrial:** Power line noise suppression for sensors and controllers. * **Computing:** Decoupling for CPUs, GPUs, and high-speed memory modules. --- ### 5. Impedance vs. Frequency Characteristic (Simplified) In a typical circuit, the bead behaves as follows: ```text Frequency (MHz) | Behavior ----------------|--------------------------------- < 10 MHz | Very low resistance (passes DC) 100 MHz | Peaks at 600 Ohms (high noise rejection) > 500 MHz | Impedance decreases due to parasitic capacitance ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'S' and 'Y' material types in the MPZ series?
    • ⤷ How do I calculate the power dissipation of this bead at its maximum rated current?
    • ⤷ Can this ferrite bead be used for high-speed signal lines instead of power lines?