Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MRF01-R-178

  • AI
    The **MRF01-R-178** is a specialized electronic component primarily categorized as a **Micro-Coaxial RF Connector** (often associated with Hirose or compatible series like U.FL). It is designed for high-frequency signal transmission in compact electronic devices. --- ### 1. Key Technical Specifications The following table outlines the typical electrical and physical characteristics of this part: | Characteristic | Specification | | :--- | :--- | | **Component Type** | Micro-Coaxial SMT Receptacle | | **Frequency Range** | DC to 6 GHz | | **Characteristic Impedance** | 50 Ohms | | **Voltage Rating** | 60V AC (rms) | | **VSWR (Max)** | 1.3 to 1.5 (depending on frequency) | | **Mated Height** | ~1.25mm to 1.9mm (Ultra-low profile) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Physical Construction The part consists of three main structural elements: 1. **Center Contact:** Usually made of gold-plated phosphor bronze to ensure high conductivity and resistance to oxidation. 2. **Insulator:** High-temperature plastic (LCP - Liquid Crystal Polymer) that maintains structural integrity during reflow soldering. 3. **Outer Shell (Ground):** Silver or gold-plated brass/phosphor bronze, providing the necessary shielding to prevent EMI (Electromagnetic Interference). --- ### 3. Applications Due to its miniature size and high-frequency capabilities, the MRF01-R-178 is commonly used in: * **Wireless Modules:** Wi-Fi, Bluetooth, and Zigbee cards. * **Mobile Devices:** Smartphones, tablets, and handheld GPS units. * **IoT Hardware:** Small sensors and gateways requiring external antenna connections. * **Embedded Systems:** Connecting internal PCB antennas to the main processing board. --- ### 4. Comparison: Receptacle vs. Plug | Feature | Receptacle (R-178) | Plug (Cabled) | | :--- | :--- | :--- | | **Mounting** | Surface Mount (SMT) on PCB | Crimped to Coaxial Cable | | **Gender** | Male (Central Pin) | Female (Socket) | | **Durability** | ~30 Mating Cycles | ~30 Mating Cycles | --- ### 5. Soldering and Handling Notes * **SMT Process:** These parts are usually supplied on Tape & Reel for automated pick-and-place assembly. * **Delicacy:** Because of the micro-scale, manual soldering is difficult and can lead to "wicking" where solder enters the contact area, ruining the connector. * **Mating:** Always use a specialized extraction tool to disconnect the plug from the receptacle to avoid ripping the pads off the PCB.
    ✨ Follow-up Questions
    • ⤷ What are the compatible cable types for the MRF01-R-178 receptacle?
    • ⤷ How does the VSWR change at frequencies above 3 GHz for this connector?
    • ⤷ What are the common alternatives to the MRF01 series for high-vibration environments?