Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MS-BZ-R

  • AI
    The **MS-BZ-R** typically refers to a high-precision **Magnetic Buzzer** (often an indicator or transducer) used in industrial control panels, medical devices, or security systems. Below is a breakdown of its electronic characteristics and components. ### 1. Technical Specifications The "R" suffix often indicates a **RoHS-compliant** version or a specific mounting configuration (e.g., Rear-mount or Round). | Parameter | Typical Value | Notes | | :--- | :--- | :--- | | **Operating Voltage** | 3V - 24V DC | Varies by specific sub-model | | **Sound Pressure Level (SPL)** | 85dB - 105dB | Measured at 10cm or 30cm | | **Current Consumption** | < 30mA | Low power draw for logic circuits | | **Frequency** | 2300Hz ± 500Hz | Standard "warning" pitch | | **Tone Type** | Continuous or Intermittent | Based on internal circuitry | --- ### 2. Core Electronic Components The MS-BZ-R operates using electromagnetic induction rather than piezo crystals. The internal construction includes: * **Electromagnet (Coil):** A fine copper wire winding that creates a magnetic field when current flows through it. * **Oscillator Circuit:** (If "Indicator" type) An internal PCB that converts DC voltage into an oscillating signal to drive the coil. * **Vibrating Diaphragm:** A metal disk (usually iron or steel) attracted by the magnetic field, creating sound waves. * **Permanent Magnet:** Provides a bias to the diaphragm to improve sensitivity and sound clarity. --- ### 3. Application Circuitry When integrating the MS-BZ-R into an electronic project, a simple transistor switch is usually required if the microcontroller (like an Arduino or PLC) cannot provide sufficient current. ```cpp // Example: Driving a Buzzer with an Arduino int buzzerPin = 9; void setup() { pinMode(buzzerPin, OUTPUT); } void loop() { digitalWrite(buzzerPin, HIGH); // Sound ON delay(1000); digitalWrite(buzzerPin, LOW); // Sound OFF delay(1000); } ``` ### 4. Mounting and Housing * **Material:** Usually PBT or ABS plastic (Flame retardant). * **Connection:** Usually leads (wires) or PCB pins. * **Sealing:** Often epoxy-sealed at the base to protect internal components from moisture and dust (IP ratings vary). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MS-BZ-R magnetic buzzer and a piezo buzzer?
    • ⤷ How do I calculate the resistor value needed for a 12V MS-BZ-R connected to a 24V supply?
    • ⤷ Is the MS-BZ-R suitable for PWM-based volume control?