Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MS-R04

  • AI
    The **MS-R04** is a specific model of an **Industrial Ethernet Slip Ring** (often associated with manufacturers like Moflon). These devices are engineered to transmit high-speed data signals—specifically Ethernet—alongside power across a rotating interface without twisting cables. --- ## 1. Core Technical Specifications The electronic components within the MS-R04 are designed to maintain signal integrity while rotating. Below are the typical specifications: | Parameter | Specification (Typical) | | :--- | :--- | | **Data Protocol** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Number of Channels** | 4 Channels (for R04 variant) | | **Operating Voltage** | 0 - 240V (AC/DC) | | **Current Rating** | 2A - 10A per circuit (model dependent) | | **Contact Material** | Gold-on-Gold (Precious Metal) | | **Insulation Resistance** | ≥ 500MΩ @ 500VDC | --- ## 2. Key Electronic Components ### A. Contact Mechanism (Gold-on-Gold) The most critical electronic part is the **brush and ring assembly**. - **The Ring:** Conductive circular tracks mounted on the rotor. - **The Brush:** Multi-fiber precious metal wires that press against the rings. - **Purpose:** Gold is used to ensure low electrical noise and low contact resistance, which is vital for preventing packet loss in Ethernet transmissions. ### B. EMI Shielding Since the MS-R04 handles high-frequency data, it includes internal **electromagnetic interference (EMI) shielding**. This prevents crosstalk between the power lines and the data lines, ensuring the Ethernet signal remains "clean" despite the proximity of high-voltage circuits. ### C. Wiring and Terminals The unit typically features: - **RJ45 Connectors:** For direct plug-and-play Ethernet connectivity. - **Teflon (PTFE) Insulated Wires:** Used for internal wiring to withstand heat and provide high dielectric strength. - **Color-coded Leads:** Standardized wiring for easy integration into industrial control systems. --- ## 3. Signal Performance The electronic design of the MS-R04 is optimized for "Return Loss" and "Insertion Loss." * **Low Electrical Noise:** Usually less than 10mΩ, ensuring that the signal-to-noise ratio remains high enough for Cat5e or Cat6 standards. * **Rotation Speed Influence:** The electronic parts are balanced so that even at speeds up to 250-500 RPM, the electrical contact remains constant without micro-interruptions. --- ## 4. Common Applications The MS-R04 is generally found in: 1. **CCTV Systems:** Transmitting HD IP-camera signals across a 360-degree panning head. 2. **Robotic Arms:** Providing Ethernet communication to end-of-arm tooling. 3. **Wind Turbines:** Sending sensor data from the rotating blades to the stationary hub. 4. **Medical Equipment:** High-speed data transfer in CT scanners.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MS-R04 and the MS-R08 models?
    • ⤷ How does 'Gold-on-Gold' contact technology improve signal lifespan?
    • ⤷ Can the MS-R04 handle PoE (Power over Ethernet) applications?