Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MSEF-55-R

  • AI
    The **MSEF-55-R** is a specific model of an **SMD (Surface Mount Device) Micro Fuse**, typically manufactured by brands like **Walter Electronic** or similar circuit protection specialists. These components are designed to protect electronic circuits against overcurrent conditions while maintaining a very small footprint. --- ### 1. Technical Specifications The part number follows a standardized coding system. Below is a breakdown of the typical specifications for the MSEF series: | Feature | Specification | | :--- | :--- | | **Component Type** | Micro Fuse (Surface Mount) | | **Package Size** | 2410 (6.1 x 2.6 mm) or similar Square Type | | **Rated Current** | 5.5 Amperes (indicated by "55") | | **Rated Voltage** | 125V AC / 125V DC (standard for this series) | | **Interrupting Rating** | 50A @ 125V AC/DC | | **Characteristic** | Fast-Acting / Quick-Acting | | **RoHS Compliant** | Yes (indicated by "R") | --- ### 2. Key Internal Components The construction of the MSEF-55-R involves several specialized electronic materials: * **Ceramic Body:** The outer casing is made of high-grade ceramic to withstand high temperatures and prevent the fuse from exploding during a short circuit. * **Fusible Element:** A thin wire or metal strip (usually a silver alloy or copper) designed to melt at a precise temperature when current exceeds 5.5A. * **End Caps:** Tin-plated brass or copper caps that provide the electrical connection to the PCB. * **Arc-Quenching Filler:** Some models include silica or air gaps inside to extinguish the electrical arc formed when the fuse blows. --- ### 3. Application Use Cases Because the MSEF-55-R is a fast-acting fuse, it is used in sensitive electronics where a delay in breaking the circuit could cause permanent damage. 1. **LCD/LED Monitors:** Protecting the backlight inverter circuits. 2. **Power Supplies:** Secondary side protection for AC/DC adapters. 3. **Laptops/Tablets:** Battery management systems (BMS) and mainboard power rails. 4. **Telecom Equipment:** Line cards and network interfaces. --- ### 4. Comparison: Fast-Acting vs. Time-Lag It is crucial to note the difference between this model and "Slow-Blow" fuses. ```markdown - MSEF (Fast-Acting): Blows almost instantly when current reaches the threshold. - MST/MSTF (Time-Lag): Allows a brief surge (inrush current) before blowing. ``` *The MSEF-55-R should not be replaced with a Time-Lag fuse, as it may allow damage to sensitive downstream components.*
    ✨ Follow-up Questions
    • ⤷What is the footprint/land pattern for a 2410 SMD fuse?
    • ⤷ How does the 'R' suffix impact lead-free soldering processes?
    • ⤷ What are the alternatives for the MSEF-55-R from other manufacturers like Littelfuse?