Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MSM586

  • AI
    The **MSM586** (also known as the MSM586RS) is a legacy integrated circuit primarily designed as a **vacuum fluorescent display (VFD) driver** with integrated clock/timing capabilities. It was commonly manufactured by OKI Electric Industry. --- ## 1. Core Technical Specifications | Parameter | Specification | |:---|:---| | **Device Category** | 4-Digit VFD Clock/Timer Driver | | **Logic Technology** | P-Channel Metal Gate MOS (PMOS) | | **Display Support** | 4-digit common cathode/anode VFDs | | **Voltage Range ($V_{DD}$)** | Typically -12V to -18V | | **Clock Frequency** | 50Hz or 60Hz (AC Line Synchronization) | | **Package Type** | 24-pin Dual-In-line Package (DIP) | --- ## 2. Key Internal Components The chip functions as a self-contained timing system. Its internal architecture consists of the following electronic blocks: ### A. Input Timing Logic The device does not use an internal crystal oscillator. Instead, it relies on a **50Hz/60Hz reference signal** derived from the AC power line. This signal is fed into a Schmitt trigger to ensure clean pulses for the counter stages. ### B. Counters and Dividers * **Dividers:** Scale the 50/60Hz input down to 1 pulse per second. * **Time Counters:** Manage 60 seconds, 60 minutes, and 12/24-hour cycles. * **Setting Logic:** Internal gates for "Fast Forward" and "Slow Forward" time adjustment. ### C. Output Drivers (VFD Interface) VFDs require relatively high voltages to illuminate the phosphor. The MSM586 features **High-Voltage PMOS outputs** capable of directly driving the segments and grids of a VFD without the need for external transistor arrays. --- ## 3. Typical Pin Configuration (Functional Groups) 1. **Power Supply ($V_{SS}, V_{DD}$):** $V_{SS}$ is usually ground, while $V_{DD}$ is the negative supply. 2. **Clock Input:** Receives the AC line frequency. 3. **Setting Pins:** Input pins for Hours/Minutes set, usually connected to momentary push buttons. 4. **Display Outputs:** * **Segment Outputs:** (a, b, c, d, e, f, g) for forming digits. * **Digit Selection (Grids):** Pins to multiplex the four digits. 5. **Control Pins:** 50/60Hz selection and 12/24-hour format selection. --- ## 4. Application Circuit Example ```text AC Power (50/60Hz) --> Step-down Transformer --> Bridge Rectifier | +--> [MSM586 Input Pin] | [MSM586 Logic] ----> [VFD Grids/Segments] | [Push Buttons] ----> [Time Adjust Pins] ``` --- ## 5. Modern Usage and Substitutes The MSM586 is now considered an **obsolete/vintage part**. It is rarely used in new designs because modern microcontrollers (like Arduino/ESP32) can handle timing and display driving with much higher efficiency. However, it remains a critical component for hobbyists restoring: * Vintage digital bedside clocks. * Retro car dashboard clocks (1970s-80s). * Early digital microwave timers.
    ✨ Follow-up Questions
    • ⤷What are the voltage requirements for the VFD segments driven by the MSM586?
    • ⤷ Can I use a crystal oscillator instead of the 50/60Hz AC line input?
    • ⤷ What is the difference between the MSM586 and the MSM582?