Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MT110-R

  • AI
    The **MT110-R** typically refers to a specific model of an **Industrial GPS Tracker** or a **Fingerprint Access Control Terminal** (depending on the manufacturer, such as Meitrack or ZKTeco). Below is an overview of the electronic components and technical specifications common to these devices. --- ## 1. Core Electronic Components The internal architecture of the MT110-R is built around high-precision signal processing and data management. | Component Category | Description | Key Function | |:---|:---|:---| | **Microcontroller (MCU)** | ARM Cortex-M series or equivalent | Acts as the brain, processing logic and peripheral communication. | | **GSM/GPRS Module** | Quad-band (850/900/1800/1900 MHz) | Handles cellular data transmission and SMS alerts. | | **GNSS/GPS Chipset** | High-sensitivity receiver (U-blox or Mediatek) | Calculates latitude, longitude, and velocity via satellite. | | **Internal Memory** | Flash Memory (typically 8MB - 32MB) | Stores data logs when cellular signal is lost (Offline caching). | | **Power Management IC** | Buck/Boost Converters | Regulates input voltage (usually 9V–36V) to stable internal levels. | --- ## 2. Interface and Connectivity The MT110-R uses a variety of interfaces to interact with external hardware or sensors. ### Wired Interfaces * **RS232 Port:** Often used for connecting RFID readers, cameras, or fuel sensors. * **Digital I/O:** * *Digital Inputs:* To monitor ignition (ACC) or door status. * *Digital Outputs:* To trigger relays (e.g., remote engine cut-off). * **Analog Input:** Used for voltage sensing, such as analog fuel level probes. ### Wireless Features * **Built-in Antennas:** Most MT110-R versions use internal ceramic GPS antennas and FPC GSM antennas to maintain a compact form factor. --- ## 3. Sensors and Protection The device includes specialized circuitry for environmental awareness and durability. 1. **3-Axis Accelerometer:** * **Function:** Detects motion, sudden braking, rapid acceleration, and towing. * **Power Saving:** Helps the device enter "Sleep Mode" when the vehicle is stationary. 2. **Internal Battery:** * **Type:** Lithium-Polymer (Li-Po). * **Role:** Provides backup power if the main vehicle battery is disconnected (Tamper alert). 3. **Circuit Protection:** * **TVS Diodes:** Protects against electrostatic discharge (ESD) and voltage spikes. * **Resettable Fuses:** Prevents damage from over-current conditions. --- ## 4. Technical Specifications (Summary Table) | Specification | Value (Typical) | |:---|:---| | **Input Voltage** | DC 9V to 36V | | **Backup Battery** | 150mAh - 450mAh | | **Operating Temperature** | -20°C to +70°C | | **GPS Accuracy** | < 10 meters | | **LED Indicators** | GSM (Green), GPS (Blue), Power (Red) | ---
    ✨ Follow-up Questions
    • ⤷ How do I configure the RS232 port for fuel monitoring on this device?
    • ⤷ What is the wiring diagram for the remote engine cut-off relay?
    • ⤷ How does the power-saving sleep mode affect GPS cold start times?