Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MT1112-R

  • AI
    The **MT1112-R** is an integrated circuit (IC) primarily used in barcode scanning modules and optical data processing. It is often manufactured by **M-Tech** (or associated vendors) and acts as a specialized Analog Front-End (AFE) or controller for laser-based or CCD scanning engines. --- ### ## Technical Specifications & Functionality The MT1112-R is designed to handle the conversion of raw optical signals into digital data that a processor can interpret. | Feature | Description | | :--- | :--- | | **Component Type** | Optical Scanning Controller / AFE | | **Package Type** | Typically SSOP or LQFP (Surface Mount) | | **Primary Function** | Signal conditioning, digitization of barcode data | | **Application** | Handheld scanners, industrial automation, POS terminals | | **Interface** | Serial / Parallel output to MCU | --- ### ### Key Electronic Components & Internal Blocks To understand how the MT1112-R functions within a circuit, it is important to look at its internal logical sections: 1. **Analog-to-Digital Converter (ADC):** * Transforms the analog fluctuations from the photodiode (representing the bars and spaces of a barcode) into binary data. 2. **Gain Control & Filtering:** * Includes internal operational amplifiers to boost weak signals from the optical sensor and filters to remove ambient light noise. 3. **Timing Generator:** * Synchronizes the laser diode pulsing or the CCD exposure time with the data sampling rate. 4. **Digitizer Circuitry:** * Determines the "threshold" of what constitutes a black bar versus a white space, providing a clean digital pulse stream. --- ### ### Typical Application Circuit In a standard electronic assembly, the MT1112-R is surrounded by the following peripheral parts: * **Photodiode:** Connected to the input pins to provide the raw light signal. * **Laser Diode Driver:** The IC often coordinates the activation of the laser light source. * **Decoupling Capacitors:** Usually 0.1µF and 10µF capacitors placed near the VCC pins to stabilize voltage. * **Crystal Oscillator:** Provides the clock signal necessary for processing the scan data. --- ### ### Common Failure Points If you are troubleshooting a board containing the MT1112-R, check these areas: * **Signal Noise:** If the filtering capacitors fail, the IC will produce "jittery" data, leading to failed scans. * **Voltage Spikes:** Being a sensitive CMOS device, it is prone to damage if the 3.3V or 5V rail experiences a surge. * **Thermal Stress:** Often found in compact handheld units where heat dissipation is limited.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the MT1112-R package?
    • ⤷ Can the MT1112-R be used with CMOS image sensors or only laser diodes?
    • ⤷ What are the voltage requirements for the MT1112-R chip?