Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MT206-R

  • AI
    The **MT206-R** typically refers to a high-performance **2D Barcode Scan Engine** or a wireless handheld scanner module used in retail, logistics, and healthcare. Below is a breakdown of its primary electronic components and technical specifications. --- ### 1. Core Electronic Components The MT206-R operates as an embedded imaging system. Its internal architecture consists of the following key parts: | Component | Function | | :--- | :--- | | **CMOS Sensor** | The "eye" of the device. Usually a high-speed global or rolling shutter sensor that captures images of barcodes. | | **Processor (MCU/DSP)** | A dedicated ARM-based microcontroller or Digital Signal Processor that executes the decoding algorithms. | | **Illumination System** | High-intensity Red LEDs (or White) used to light up the barcode in dark environments. | | **Aiming System** | A specific LED or Laser diode (usually green or red) that projects a crosshair or dot for user positioning. | | **Interface Controller** | Manages communication via TTL-232, USB (HID/VCP), or Bluetooth protocols. | --- ### 2. Technical Specifications Most variants of the MT206-R series share the following electronic characteristics: * **Input Voltage:** 3.3V DC ± 5% (Standard for embedded modules). * **Scanning Performance:** * **Resolution:** Typically 640 x 480 pixels or higher. * **Scan Angle:** Horizontal ~40°, Vertical ~30°. * **Decoding Capability:** * **1D:** EAN, UPC, Code 39, Code 128, etc. * **2D:** QR Code, Data Matrix, PDF417, Aztec. * **Power Consumption:** * **Operating:** ~150mA - 200mA. * **Standby:** < 20mA. --- ### 3. Connection Pinout (Typical) If the MT206-R is used as an OEM module, it usually connects via a **12-pin FFC (Flat Flexible Cable)** connector. | Pin Number | Signal Name | Description | | :--- | :--- | :--- | | 1 | **NC** | Not Connected | | 2 | **VCC** | 3.3V Power Supply | | 3 | **GND** | Ground | | 4 | **RX** | TTL Serial Receive | | 5 | **TX** | TTL Serial Transmit | | 6 | **USB_D-** | USB Data Minus | | 7 | **USB_D+** | USB Data Plus | | 8-12 | **IO/Trig** | External Trigger / Beeper / LED Control | --- ### 4. Hardware Features * **Adaptive Sensitivity:** The electronic shutter adjusts automatically based on the ambient light and the reflectivity of the surface (e.g., scanning from a smartphone screen vs. paper). * **Firmware Storage:** On-board Flash memory stores configuration settings (e.g., prefix/suffix, baud rate) which can be programmed via "Setting Barcodes."
    ✨ Follow-up Questions
    • ⤷What is the difference between the MT206-R and the MT200 series?
    • ⤷ How do I interface the MT206-R with an Arduino or Raspberry Pi?
    • ⤷ Does the MT206-R support OCR (Optical Character Recognition)?