Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MT2070-R

  • AI
    The **Zebra (Motorola/Symbol) MT2070-R** is an industrial-grade mobile handheld terminal designed for intensive data capture. The "R" suffix typically denotes the **Range** or specific **Radio** configuration (Bluetooth/Batch) within the MT20xx series. --- ## 1. Core Electronic Architecture The device is built on a hybrid architecture that combines the ergonomics of a scanner with the processing power of a mobile computer. | Component | Specification Details | | :--- | :--- | | **Processor (CPU)** | Intel XScale PXA270 624 MHz processor. | | **Operating System** | Microsoft Windows CE 5.0 Professional. | | **Memory (RAM)** | 64MB DDR SDRAM. | | **Storage (Flash)** | 64MB Flash ROM (non-volatile). | | **Display** | 2.2 inch QVGA (320 x 240) Color TFT LCD. | --- ## 2. Data Capture & Scanning Modules The MT2070-R uses advanced imaging and laser sub-systems to decode symbologies. ### Scanning Engine Options * **1D Laser:** High-speed scanning for standard barcodes using a vibrating mirror and laser diode. * **2D Imager:** Uses a digital camera sensor (CMOS) to capture images and decode 2D codes (QR, DataMatrix) and 1D codes in any orientation. ### Decoding Logic The electronic mainboard contains a dedicated DSP (Digital Signal Processor) or integrated ASIC to handle high-speed hardware-based decoding, ensuring low latency between the trigger pull and data output. --- ## 3. Connectivity & Power Electronics ### Wireless Communication * **Bluetooth:** Integrated Class 2 (or Class 1 depending on revision) Bluetooth v1.2/2.1 radio for communication with the base station or mobile printers. * **Wired Interfacing:** The base of the unit contains physical gold-plated pogo pins for RS-232, USB 2.0, and charging. ### Power Management * **Battery:** 2400 mAh Li-Ion rechargeable battery. * **Charging Circuitry:** Smart-charging electronics prevent overcharging and manage thermal dissipation while docked in the cradle. --- ## 4. Input/Output Interfaces The interface electronics bridge the user interaction with the CPU. * **Keyboard:** 21-key numeric/shifted alphanumeric keypad with tactile domes and a conductive carbon layer. * **Feedback System:** * **Audio:** Integrated beeper with adjustable volume/frequency. * **Visual:** Multi-color LEDs (Red/Green/Amber) to signal successful scans or battery status. * **Environmental Protection:** The internal PCB is "ruggedized," featuring shock-mounted components to survive drops of up to 6ft (1.8m) to concrete. --- ## 5. Typical Part Numbers for Maintenance When repairing the MT2070-R, these are the primary electronic sub-assemblies: | Part Category | Description | | :--- | :--- | | **Main Logic Board** | The primary PCB containing the CPU, RAM, and radio. | | **Scan Engine** | SE950 (Laser) or SE4400/4500 (Imager) modules. | | **LCD Module** | The screen assembly including the backlight inverter. | | **Keypad PCB** | The separate board containing the switch matrix for user input. |
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the MT2070 and the MT2090 models?
    • ⤷ How do I troubleshoot Bluetooth connectivity issues on the MT2070-R?
    • ⤷ Can the MT2070-R be upgraded to a newer version of Windows CE or Android?