Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MT208-R

  • AI
    The **MT208-R** typically refers to a specific model of an **RFID Card Reader/Writer module** or a **Smart Card Interface** (often used in access control systems, kiosks, or payment terminals). It is designed to interface with 13.56MHz contactless cards. Below is a breakdown of its core electronic components and technical specifications. --- ## 1. Core Electronic Components The architecture of the MT208-R is centered around high-frequency radio communication and micro-processing. | Component Type | Function | | :--- | :--- | | **Main Microcontroller (MCU)** | Handles the protocol logic (ISO14443), data encryption (AES/DES), and serial communication with the host PC. | | **RF Front-End IC** | Responsible for modulating and demodulating the 13.56MHz radio signal to communicate with the card. | | **Internal Antenna** | An etched copper PCB trace antenna that generates the electromagnetic field to power the passive card. | | **SAM Slot (Secure Access Module)** | A socket for an auxiliary security chip used for high-level encryption (common in banking/transport). | | **Status Indicators** | Typically includes a multi-color LED (Red/Green) and a Buzzer for user feedback. | | **Voltage Regulator** | Converts the input voltage (usually 5V DC) to the stable 3.3V required by the internal logic chips. | --- ## 2. Technical Specifications Most variants of the MT208-R follow these hardware parameters: ### Power and Interface * **Operating Voltage:** 5V DC (via USB or Serial). * **Current Consumption:** ~50mA (Idle) to 150mA (Peak during RF burst). * **Communication Interface:** USB (HID or Virtual COM), RS232, or TTL levels. ### RF Performance * **Operating Frequency:** 13.56 MHz. * **Supported Standards:** * ISO14443 Type A & B. * Mifare series (Classic, DESFire, Ultralight). * FeliCa (in specific versions). * **Operating Distance:** 0 – 50 mm (depending on the card antenna size). --- ## 3. Pinout and Connectivity (Standard Serial Version) If you are integrating the module into a custom PCB, the typical header involves: ```text Pin 1: VCC (+5V) Pin 2: GND (Ground) Pin 3: RXD (Receive Data) Pin 4: TXD (Transmit Data) Pin 5: RST (Reset - Optional) ``` --- ## 4. Operational Logic 1. **Polling:** The MCU instructs the RF IC to emit a 13.56MHz field. 2. **Induction:** A card enters the field; its internal coil generates power via induction. 3. **Data Exchange:** The card sends its UID (Unique ID) or encrypted data back via load modulation. 4. **Processing:** The MT208-R decodes the signal and sends the result to the host via the USB/RS232 interface. ---
    ✨ Follow-up Questions
    • ⤷How do I interface the MT208-R with an Arduino or Raspberry Pi?
    • ⤷ What is the specific SDK or driver required for the MT208-R on Windows?
    • ⤷ Does the MT208-R support NFC peer-to-peer communication?