Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MT2180-R

  • AI
    The **MT2180-R** is an ultra-high frequency (UHF) RFID reader module designed for integration into handheld devices, stationary scanners, and industrial IoT equipment. It is widely recognized for its high sensitivity and compact form factor. --- ### 1. Key Electronic Specifications The performance of the MT2180-R is defined by its RF (Radio Frequency) capabilities and power management. | Parameter | Specification | | :--- | :--- | | **RF Chipset** | Impinj Indy R2000 (standard in high-end modules) | | **Air Interface Protocol** | EPCglobal UHF Class 1 Gen 2 / ISO 18000-6C | | **Frequency Range** | 840MHz to 960MHz (Region dependent) | | **Output Power** | 5dBm to 30dBm (Adjustable in 1dB steps) | | **Reading Distance** | Up to 10–12 meters (depending on antenna and tag) | | **Communication Interface** | UART / TTL (Serial) | --- ### 2. Core Electronic Components The MT2180-R architecture consists of several critical subsystems: #### A. RF Front-End (Impinj R2000) The heart of the module is the **Impinj R2000** chip. This component handles: * **Carrier Generation:** Creating the high-frequency wave. * **Modulation:** Encoding data onto the wave to send to the tag. * **Demodulation:** Decoding the weak backscatter signal returned by the RFID tag. #### B. Power Management Unit (PMU) Because the module can output up to 1 Watt (30dBm) of RF power, the electronic design includes robust voltage regulators to ensure stability and prevent thermal throttling. It typically operates on a **3.7V to 5V DC** input. #### C. Interface and Control The module uses a **15-pin or 12-pin FPC/Header connector** to communicate with the host processor. * **GPIO Pins:** Used for external triggers or LED indicators. * **UART:** The primary data path for sending "Read" commands and receiving "EPC" data. --- ### 3. Pinout and Integration When designing a PCB for the MT2180-R, engineers focus on the following connections: ```markdown Pin 1: VCC (Power Input) Pin 2: GND (Ground) Pin 3: EN (Enable/High for active) Pin 4: RXD (Receive Data) Pin 5: TXD (Transmit Data) Pin 6: GPIO (Configurable I/O) ... Pin RF: MMCX or IPEX Connector (Antenna Output) ``` --- ### 4. Thermal Management Electronic integration of the MT2180-R requires a **heat sink**. Since the R2000 chip generates significant heat during continuous inventory modes, the module usually features a large metallic shielding can that doubles as a thermal interface. ---
    ✨ Follow-up Questions
    • ⤷What is the power consumption of the MT2180-R during peak reading?
    • ⤷ Which antennas are compatible with the MT2180-R RF connector?
    • ⤷ Does the MT2180-R support multi-tag anti-collision algorithms?