Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MT470-R

  • AI
    The **MT470-R** typically refers to a high-performance **RFID (Radio Frequency Identification) Reader Module** or handheld terminal component, often used in industrial scanning, inventory management, and logistics. Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Core Technical Specifications The device is generally designed to operate within the UHF (Ultra High Frequency) spectrum. | Feature | Specification | | :--- | :--- | | **Frequency Range** | 865MHz - 868MHz (EU) / 902MHz - 928MHz (US) | | **Protocol** | EPC Global Class 1 Gen 2 / ISO 18000-6C | | **Interface** | UART (TTL) / USB 2.0 | | **Output Power** | Adjustable (typically up to 30dBm) | | **Operating Voltage** | 3.5V - 5.0V DC | | **Read Range** | 1m to 10m (depending on antenna and environment) | --- ### 2. Key Electronic Components The internal architecture of the MT470-R consists of several critical stages: #### A. Radio Frequency (RF) Frontend * **Transceiver Chip:** The "brain" that modulates the signal to the tag and demodulates the backscattered signal from the tag. * **Power Amplifier (PA):** Boosts the signal strength to ensure the RF energy can reach passive tags at a distance. * **Low Noise Amplifier (LNA):** Sensitive component that amplifies the very weak signals returning from the RFID tag without adding noise. #### B. Digital Processing Unit * **MCU (Microcontroller):** Handles the EPC Gen2 protocol stack, manages data buffers, and controls the communication with the host device via UART or USB. * **Flash Memory:** Stores firmware and configuration settings (region codes, power levels). #### C. Antenna Connection * **IPEX/U.FL Connector:** A miniature RF connector used to attach an external ceramic or patch antenna. * **Impedance Matching Circuit:** A network of inductors and capacitors (LC circuit) designed to match the 50-ohm impedance for maximum power transfer. --- ### 3. Pinout and Connectivity (Typical UART) Most MT470-R modules utilize a multi-pin connector for integration into larger systems: | Pin Name | Function | Description | | :--- | :--- | :--- | | **VCC** | Power Supply | 3.5V - 5.0V Input | | **GND** | Ground | Common Ground | | **RXD** | Data Input | UART Receive (3.3V TTL) | | **TXD** | Data Output | UART Transmit (3.3V TTL) | | **GPIO** | General Purpose | Often used for "Trigger" or "Buzzer" control | | **EN / RST** | Enable/Reset | Pull high to enable the module | --- ### 4. Application Integration Because the MT470-R is a component-level part, it is usually integrated into: 1. **Handheld PDA Scanners:** Providing UHF RFID capabilities to Android mobile computers. 2. **Fixed Gate Readers:** Used in warehouse portals to track pallets. 3. **Desktop Readers:** For tagging new retail inventory. ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for the MT470-R during peak read cycles?
    • ⤷ Which specific antennas are recommended for use with this module to achieve maximum range?
    • ⤷ Does this module support multi-tag anti-collision algorithms?