Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MU9C8328A-RDC

  • AI
    ## Technical Overview of MU9C8328A-RDC The **MU9C8328A-RDC** is a specialized integrated circuit (IC) primarily categorized as a **CAM (Content Addressable Memory)**. It was manufactured by Music Semiconductors (now obsolete or acquired). This specific part is designed for high-speed table lookups in networking applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | Content Addressable Memory (CAM) | | **Capacity** | 8K x 32 bits (Typically) | | **Package Type** | LQFP (Low-profile Quad Flat Pack) | | **Operating Voltage** | 3.3V / 5V (Depends on specific sub-version) | | **Access Time** | High-speed (Nanosecond range) | | **Architecture** | Ternary or Binary (Application specific) | --- ### 2. Functional Description Unlike standard RAM, where the user provides an address and the memory returns data, the **MU9C8328A-RDC** works in reverse: * **Search Input:** You provide a data word (a search key). * **Search Output:** The IC searches its entire memory simultaneously and returns the address where that data is stored. * **Performance:** It is designed for "single-cycle" lookups, making it significantly faster than software-based searching algorithms. ### 3. Application Areas This part is typically found in legacy telecommunications and networking hardware: 1. **Ethernet Switches:** For MAC address table lookups. 2. **IP Routers:** For Longest Prefix Matching (LPM) in routing tables. 3. **Firewalls:** For high-speed packet filtering based on Access Control Lists (ACLs). --- ### 4. Hardware Pinout Categories The MU9C8328A-RDC generally features the following pin groups: * **Data Bus (DQ):** Used to load search keys and retrieve results. * **Address Bus:** Used for direct memory management during initialization. * **Control Pins:** Includes `WE` (Write Enable), `OE` (Output Enable), and `STR` (Search Strobe). * **Match Flags:** Output pins that signal whether a search was successful (Hit/Miss). --- ### 5. Lifecycle Status **Warning:** This part is considered **End of Life (EOL)**. * **Procurement:** It is usually only available through secondary market distributors or "New Old Stock" (NOS) suppliers. * **Replacement:** Modern designs typically use FPGAs with integrated Block RAM (BRAM) or specialized TCAM IPs to replace these discrete chips. ---
    ✨ Follow-up Questions
    • ⤷ What are the modern alternatives to discrete CAM chips like the MU9C8328A?
    • ⤷ Can this IC be used for pattern matching in non-networking applications?
    • ⤷ How does the power consumption of this CAM compare to standard SRAM?