Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MUL1-R1

  • AI
    The **MUL1-R1** is a high-performance, industrial-grade **Single-Phase Line Filter** (EMI/RFI Filter). These components are designed to suppress electromagnetic interference (EMI) and radio frequency interference (RFI) in electrical circuits, ensuring compliance with electromagnetic compatibility (EMC) standards. --- ### 1. Technical Specifications Below are the typical electronic characteristics found in the MUL1-R1 series: | Parameter | Specification | | :--- | :--- | | **Rated Voltage** | 250V AC | | **Rated Current** | 1A (depending on specific sub-model) | | **Operating Frequency** | 50/60 Hz | | **Leakage Current** | < 0.5 mA at 250V/50Hz | | **Test Voltage (Hi-pot)** | 1450V DC (Line to Line) / 2250V DC (Line to Ground) | | **Temperature Range** | -25°C to +85°C | --- ### 2. Internal Electronic Components The MUL1-R1 utilizes a passive circuit design typically consisting of the following stages: 1. **X-Capacitors (Line-to-Line):** These suppress **Differential Mode** interference. They are placed across the AC lines to filter out noise generated between the "Live" and "Neutral" wires. 2. **Y-Capacitors (Line-to-Ground):** These suppress **Common Mode** interference. They bypass high-frequency noise from the lines to the chassis ground. 3. **Common-Mode Choke (Inductor):** A ferrite core wound with two coils. It provides high impedance to common-mode signals while allowing the power current (differential mode) to pass with minimal resistance. 4. **Bleeder Resistor:** A high-value resistor placed across the X-capacitor to discharge stored energy when power is disconnected, ensuring safety from electric shock. --- ### 3. Key Electronic Functions * **Noise Suppression:** It prevents high-frequency noise from the power grid from entering sensitive electronics. * **Emission Control:** It prevents noise generated by the device's internal switching power supply from leaking back into the main power lines. * **Transient Protection:** Offers basic protection against voltage spikes and surges on the line. --- ### 4. Connection Interface The MUL1-R1 usually features a compact metal housing that acts as an additional shield. It typically uses: * **Input/Output Pins:** Solder lugs, fast-on terminals (6.3mm), or wire leads. * **Grounding Tab:** A dedicated connection point to the metal chassis to ensure the Y-capacitors function correctly.
    ✨ Follow-up Questions
    • ⤷What is the difference between differential mode and common mode noise in these filters?
    • ⤷ How do I choose the correct current rating for a line filter?
    • ⤷ Can the MUL1-R1 be used in medical equipment applications?