Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV11T3CD-R

  • AI
    The **MV11T3CD-R** is a specific electronic component typically identified as a **Solid State Relay (SSR)** or a specialized **Thyristor/Triac module**, often used in industrial control systems for switching AC loads. Below is a breakdown of its electronic characteristics and technical components. --- ### 1. Technical Specifications The part number usually corresponds to a medium-power switching device. Here are the typical specifications associated with this series: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) / Power Module | | **Control Voltage** | Usually 3-32V DC (Logic Level) | | **Load Voltage** | 240V - 480V AC | | **Current Rating** | 10A to 25A (depending on heat sinking) | | **Switching Type** | Zero-Cross Switching (minimizes EMI) | | **Output Type** | Back-to-back Thyristors (SCRs) | --- ### 2. Internal Electronic Structure The device consists of three primary stages that ensure safe and efficient power management: #### A. Input Stage (Optical Isolation) * **Optocoupler:** The input side contains an LED. When a DC signal is applied, it emits light to a photosensitive trigger. * **Galvanic Isolation:** This ensures that the high-voltage AC side is completely electrically separated from the low-voltage control side (usually up to 4000V isolation). #### B. Control Circuit (Zero-Cross Detection) * **Zero-Cross Circuit:** This internal logic ensures the device only switches "ON" when the AC sine wave crosses the zero-voltage point. This reduces electrical noise and prevents high inrush currents. #### C. Power Stage (Output) * **Thyristors/Triacs:** These are the semiconductor "switches." They handle the high current flow to the load (motors, heaters, etc.). * **RC Snubber:** Most modules include an internal Resistor-Capacitor network to protect the semiconductors from voltage spikes ($dv/dt$ protection). --- ### 3. Application Use-Cases The **MV11T3CD-R** is commonly used in environments where mechanical relays would fail due to frequent switching. * **PID Temperature Controllers:** Switching resistive heaters on and off rapidly to maintain precise temperatures. * **Motor Control:** Small industrial motors or fans. * **Lighting Systems:** Controlling large banks of incandescent or LED arrays. * **Solenoid Valves:** Used in pneumatic or hydraulic automation. --- ### 4. Installation Considerations 1. **Heat Dissipation:** Like all SSRs, this part generates heat (approx. 1.2 watts per ampere). A **heatsink** and thermal paste are usually required. 2. **Polarity:** The DC input is polarity-sensitive (Terminals 3 and 4). 3. **Protection:** It is recommended to use a fast-acting fuse or a Varistor (MOV) in parallel with the output to protect against transient surges.
    ✨ Follow-up Questions
    • ⤷What is the maximum surge current rating for the MV11T3CD-R?
    • ⤷ Does this model require an external snubber circuit for inductive loads?
    • ⤷ How do I test the MV11T3CD-R using a multimeter?