Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV11V2AD-R

  • AI
    Based on available industry data, the **MV11V2AD-R** typically refers to a specific series or revision of a **Power Supply Unit (PSU)** or a **Voltage Regulator Module**, often integrated into telecommunications equipment, industrial computing, or server hardware (frequently associated with brands like *Delta Electronics* or *Ericsson*). Below is a breakdown of its core electronic components and functional architecture. --- ## 1. Core Component Breakdown The device is a high-density power conversion module. The following table highlights the primary electronic parts found within such a unit: | Component Category | Specific Part Examples | Function in MV11V2AD-R | | :--- | :--- | :--- | | **Power Semiconductors** | MOSFETs (Si or GaN) | High-speed switching to convert DC-DC or AC-DC levels. | | **Magnetic Components** | Planar Transformers / Inductors | Provides galvanic isolation and energy storage for smoothing current. | | **Control ICs** | PWM Controllers | Regulates the output voltage by adjusting duty cycles based on load. | | **Passives** | MLCCs & Tantalum Capacitors | High-frequency filtering to reduce ripple and noise. | | **Protection Circuitry** | TVS Diodes / Fuses | Protects against Over-Voltage (OVP) and Over-Current (OCP) events. | --- ## 2. Technical Specifications & Features While specific to the revision (V2AD-R), these units generally adhere to the following electronic characteristics: ### A. Power Conversion Architecture * **Switching Frequency:** High-frequency switching (usually >300kHz) to allow for a smaller physical footprint. * **Efficiency:** Typically rated at **90% or higher** to minimize thermal dissipation in tight enclosures. * **Regulation:** Tight output voltage regulation, often within ±1% to protect sensitive logic circuits (CPUs/FPGAs). ### B. Thermal Management * **Baseplate Cooling:** The "R" suffix often denotes a specific physical orientation or RoHS compliance. It utilizes a metal baseplate to conduct heat away from the internal MOSFETs to an external heatsink. * **Thermal Shutdown:** Integrated thermistors that trigger a shutdown if internal temperatures exceed safety thresholds (usually ~105°C). ### C. Interface and Monitoring * **PMBus/I2C:** Most "V2" revisions include digital communication pins for real-time monitoring of current, voltage, and temperature status. * **Remote On/Off:** A dedicated logic pin to enable or disable the power output without cutting the main input feed. --- ## 3. Applications The MV11V2AD-R is commonly integrated into: 1. **Base Transceiver Stations (BTS):** Providing stable 12V or 5V rails for radio processing units. 2. **Edge Computing Servers:** Distributing power from a 48V backplane to local components. 3. **Industrial Automation:** Powering PLC (Programmable Logic Controller) backplanes. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage range for the MV11V2AD-R module?
    • ⤷ Can you provide a pinout diagram or description for this specific part?
    • ⤷ How does the 'V2' revision differ from the original MV11 version?