Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV12T2CG-R

  • AI
    The **MV12T2CG-R** is a specific surface-mount (SMT) electronic component, typically categorized as a **Chip Inductor** or a specialized passive component used in high-frequency applications. --- ## 1. Technical Specifications While exact parameters can vary slightly by manufacturer (often associated with brands like Taiyo Yuden or similar high-quality passive component producers), the general specifications are as follows: | Parameter | Typical Value / Description | |:---|:---| | **Component Type** | Multilayer Chip Inductor | | **Inductance** | 1.2 nH (Nanohenries) | | **Tolerance** | ± 0.3nH (indicated by "C") or ± 5% (G) | | **Package Size** | 0402 (EIA) / 1005 (Metric) | | **Termination** | RoHS Compliant / Lead-Free (indicated by "R") | | **Material** | Ceramic/Ferrite multilayer construction | --- ## 2. Key Features The MV series is designed for high-performance circuitry. Key features include: * **High Q Factor:** Optimized for low loss at high frequencies, making it ideal for RF (Radio Frequency) circuits. * **Precision:** Tight tolerance levels ensure stability in resonant circuits. * **Compact Footprint:** The 0402/1005 size allows for high-density PCB mounting in mobile devices. * **High Self-Resonant Frequency (SRF):** Ensures the inductor behaves predictably in the gigahertz (GHz) range. --- ## 3. Applications This part is commonly found in the following electronic systems: 1. **Mobile Communications:** Used in smartphones for impedance matching in power amplifiers and antenna circuits. 2. **Wireless Modules:** Found in Bluetooth, Wi-Fi, and GPS modules to filter noise and manage signals. 3. **High-Speed Logic:** Decoupling and noise suppression in high-speed digital lines. 4. **RF Front-End:** Integral part of band-pass filters and oscillators. --- ## 4. Part Number Breakdown (Typical) To better understand the component, we can look at the nomenclature: * **MV:** Series designation (High-frequency multilayer). * **12:** Numerical code representing inductance value (1.2). * **T:** Packaging style (usually Tape & Reel). * **2:** Size code (0402). * **C / G:** Tolerance markers. * **R:** Environmental compliance (RoHS).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the MV12T2CG-R?
    • ⤷ How does a multilayer inductor differ from a wire-wound inductor?
    • ⤷ Can this part be used for power supply filtering?