Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV12V2AD-R

  • AI
    The **MV12V2AD-R** is a common part number typically associated with a **12V 2A DC Power Adapter** (often manufactured by companies like Moso Power Supply Technology or similar OEMs). These are frequently used for networking equipment (routers, modems), CCTV cameras, and LED strips. --- ## 1. Technical Specifications The electrical characteristics define how the device converts AC mains power into stable DC power for electronics. | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 100V – 240V AC (Universal) | | **Input Frequency** | 50/60 Hz | | **Output Voltage** | 12V DC | | **Output Current** | 2.0 Amperes (24W Max) | | **Polarity** | Center Positive (+) | | **Connector Type** | Usually 5.5mm x 2.1mm or 2.5mm Barrel Jack | | **Efficiency Class** | Often Level VI (High Efficiency) | --- ## 2. Key Internal Electronic Components To achieve the conversion from AC to DC, the MV12V2AD-R utilizes a **Switch Mode Power Supply (SMPS)** topology. The primary internal parts include: ### A. Input Protection & Filtration * **Fuse:** Protects the circuit from overcurrent or short circuits. * **Thermistor (NTC):** Limits inrush current when the device is first plugged in. * **Bridge Rectifier:** A set of four diodes that convert the AC input into a pulsating DC. ### B. High-Frequency Switching Section * **PWM Controller IC:** The "brain" that regulates the output voltage by switching the power on and off at high speeds. * **Switching MOSFET:** A transistor that acts as a high-speed switch to drive the primary side of the transformer. * **High-Frequency Transformer:** Provides galvanic isolation between the dangerous high-voltage AC side and the safe 12V DC side. ### C. Output Rectification & Smoothing * **Schottky Diode:** Rectifies the high-frequency AC from the transformer into DC. * **Electrolytic Capacitors:** Filters the output to remove "ripple" and provide steady 12V power. * **Optocoupler:** A component that sends feedback from the output side back to the PWM IC to ensure the voltage stays exactly at 12V regardless of the load. --- ## 3. Common Applications * **Network Hardware:** Providing power to TP-Link, Netgear, or D-Link routers. * **Security:** Powering DVRs, NVRs, and individual analog/IP cameras. * **Lighting:** Powering small sections of 12V LED strips. * **Monitors:** Small LCD/LED screens that require an external brick. --- ## 4. Safety and Protection Features Standard versions of this part include the following electronic safeguards: 1. **OVP (Over Voltage Protection):** Shuts down if the voltage exceeds a safe threshold. 2. **OCP (Over Current Protection):** Prevents damage if the connected device tries to draw more than 2A. 3. **SCP (Short Circuit Protection):** Automatically cuts power if the output wires touch.
    ✨ Follow-up Questions
    • ⤷ What are the common failure symptoms of a 12V 2A power adapter?
    • ⤷ Can I use a 12V 5A adapter to replace an MV12V2AD-R?
    • ⤷ How do I test the output of this adapter using a multimeter?