Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV12V3AD-R

  • AI
    ## Technical Overview: MV12V3AD-R Power Adapter The **MV12V3AD-R** is a specific model of an AC-to-DC power supply adapter, commonly manufactured by **CWT (Channel Well Technology)**. It is widely used for networking equipment (like Netgear routers), LED lighting, and small consumer electronics. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 100V – 240V AC (Universal) | | **Input Frequency** | 50/60 Hz | | **Output Voltage** | **12V DC** | | **Output Current** | **3.5A** (Max) | | **Total Power Output** | **42 Watts** | | **Polarity** | Center Positive (+) | | **Efficiency Level** | Level VI (typically) | --- ### 2. Internal Electronic Components The MV12V3AD-R is a **Switch Mode Power Supply (SMPS)**. Its internal architecture consists of several critical electronic stages: #### A. Input & Protection Stage * **Fuse:** Protects the circuit against over-current or short circuits. * **MOV (Metal Oxide Varistor):** Absorbs high-voltage surges from the AC line. * **EMI Filter:** Composed of inductors and capacitors to prevent electromagnetic interference from leaking back into the mains. #### B. Rectification & Filtration (Primary Side) * **Bridge Rectifier:** Converts AC voltage into pulsating DC. * **Bulk Capacitor:** A high-voltage electrolytic capacitor (usually rated for 400V-450V) that smooths the DC voltage. #### C. Switching Stage * **PWM Controller IC:** The "brain" that modulates the switching frequency to maintain a steady output. * **MOSFET:** A high-speed transistor that chops the DC voltage into high-frequency pulses. * **Transformer:** A ferrite-core transformer that steps down the high-frequency voltage and provides galvanic isolation between AC input and DC output. #### D. Rectification & Filtration (Secondary Side) * **Schottky Diode:** Rectifies the high-frequency AC from the transformer back into DC. * **Output Capacitors:** Lower voltage electrolytic capacitors that filter the final 12V output to ensure low ripple. * **Optocoupler:** An infrared LED/Phototransistor component that sends feedback from the 12V side back to the PWM controller to regulate the voltage. --- ### 3. Physical & Safety Features * **Connector Tip:** Usually a 5.5mm x 2.1mm or 5.5mm x 2.5mm barrel jack. * **Thermal Protection:** Internal circuitry shuts down the unit if it exceeds safe operating temperatures. * **Over-Voltage Protection (OVP):** Prevents the output from exceeding 12V in case of a component failure, protecting the connected device. --- ### 4. Common Applications Due to its 3.5A rating, this adapter is robust enough for: 1. **High-End Routers:** Specifically Netgear Nighthawk series. 2. **CCTV Systems:** Powering multiple cameras or a DVR. 3. **External Hard Drive Docks:** Powering 3.5-inch desktop drives. 4. **LED Strips:** Powering up to 5 meters of standard 12V LED tape.
    ✨ Follow-up Questions
    • ⤷ What are the common failure signs for the MV12V3AD-R adapter?
    • ⤷ Can I use a 12V 4A adapter to replace this model?
    • ⤷ How do I test the output voltage using a multimeter?