Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV13T1CD-R

  • AI
    The **MV13T1CD-R** is a specialized high-performance **VCO (Voltage Controlled Oscillator)** module typically manufactured by companies like **Mini-Circuits** or similar RF component specialists. These components are critical in telecommunications and signal processing for generating stable radio frequency (RF) signals. --- ### 1. Key Technical Specifications Below are the typical parameters associated with this class of electronic parts: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Voltage Controlled Oscillator (VCO) | | **Frequency Range** | Typically covers a specific band (e.g., 1000 - 1300 MHz) | | **Tuning Voltage** | Variable (usually 0.5V to 20V depending on model) | | **Supply Voltage (Vcc)** | Often +5V or +12V DC | | **Package Style** | Surface Mount (SMD) or Plug-in Module | | **Output Power** | Measured in dBm (typically +7 to +10 dBm) | --- ### 2. Functional Description The MV13T1CD-R operates by converting an input DC voltage into a specific frequency output. It consists of three primary internal stages: 1. **Resonant Circuit:** Uses a varactor diode to change the capacitance based on the input tuning voltage, which shifts the oscillation frequency. 2. **Active Amplifier:** Provides the necessary gain to sustain oscillations. 3. **Buffer Stage:** Isolates the oscillator from the load to prevent "frequency pulling" (frequency shifts caused by changes in the output impedance). --- ### 3. Application Areas These parts are commonly found in high-frequency electronic systems including: * **Phase-Locked Loops (PLL):** Used as the local oscillator to lock onto a reference frequency. * **Frequency Synthesizers:** For generating multiple frequencies from a single source. * **Test Equipment:** Signal generators and spectrum analyzers. * **Wireless Infrastructure:** Base stations and satellite communication links. --- ### 4. Circuit Integration Example When designing a PCB for this part, the control voltage is usually filtered to minimize phase noise. ```cpp // Logic representation of a Frequency Sweep using a VCO float tuningVoltage = 0.5; // Minimum tuning volts float targetFreq = 1300.0; // Target MHz void loop() { while(currentFreq < targetFreq) { applyVoltage(tuningVoltage); tuningVoltage += 0.1; // Increment voltage to increase frequency currentFreq = readFeedback(); } } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range for the MV13T1CD-R model?
    • ⤷ How does phase noise affect the performance of this VCO?
    • ⤷ What are the recommended decoupling capacitor values for its power supply?