Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV13T2CD-R

  • AI
    The **MV13T2CD-R** is a specific model of a **Vacuum Interrupter (VI)**, typically used in medium-voltage circuit breakers and switchgear. These components are critical for safely interrupting electrical currents in industrial and utility power systems. --- ## 1. Core Component Specifications The MV13T2CD-R is designed to extinguish electrical arcs within a vacuum environment. Below are the typical technical characteristics associated with this series: | Feature | Specification Details | | :--- | :--- | | **Rated Voltage** | Typically 12kV to 17.5kV | | **Rated Current** | Usually ranges from 630A to 1250A | | **Interrupting Capacity** | Short-circuit breaking current (e.g., 20kA - 31.5kA) | | **Contact Material** | Copper-Chromium (CuCr) alloy for high conductivity and anti-welding | | **Insulation Type** | High-alumina ceramic envelope | --- ## 2. Key Electronic & Mechanical Parts A vacuum interrupter is an assembly of several high-precision sub-components: ### A. The Ceramic Insulator * **Material:** High-purity alumina (Al2O3). * **Function:** Provides the external insulation between the high-voltage terminals and maintains the vacuum seal. ### B. Internal Contacts * **Stationary Contact:** Fixed to one end of the ceramic envelope. * **Moving Contact:** Connected to the operating mechanism via a bellows. * **Shape:** Often uses a "Transverse Magnetic Field" (TMF) or "R-shape" design to rotate the arc, preventing localized melting of the contact surface. ### C. Stainless Steel Bellows * **Function:** A flexible metal component that allows the moving contact to travel back and forth (opening/closing) while maintaining a hermetic vacuum seal inside the chamber. ### D. Internal Shielding * **Vapor Shield:** A metal cylinder surrounding the contacts. It catches metal vapor produced during arcing, preventing it from depositing on the ceramic walls (which would cause electrical leakage). --- ## 3. Operational Logic 1. **Closing:** The external mechanism pushes the moving contact against the fixed contact. 2. **Current Flow:** Electricity flows through the CuCr contacts. 3. **Opening:** The mechanism pulls the contacts apart. Because it is in a vacuum, the "arc" consists of ionized metal vapor from the contacts. 4. **Extinction:** As the current reaches a "natural zero" in the AC cycle, the vapor rapidly condenses back onto the shields, and the vacuum regains its dielectric strength instantly, stopping the flow. --- ## 4. Maintenance & Identification The **"R"** in the suffix often denotes a specific Revision or a RoHS-compliant version of the interrupter. * **Vacuum Integrity:** Should be checked periodically using a "Hi-Pot" (High Potential) test. * **Contact Wear:** Most units have a "wear indicator" on the moving stem to show how much contact material has been eroded over time.
    ✨ Follow-up Questions
    • ⤷ What are the primary causes of vacuum loss in units like the MV13T2CD-R?
    • ⤷ How does the CuCr contact material prevent contact welding?
    • ⤷ What is the typical mechanical lifespan (number of operations) for this type of interrupter?