Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV13V2CG-R

  • AI
    ## Overview of the MV13V2CG-R The **MV13V2CG-R** is a high-performance **image sensor** developed by Omnivision. It is specifically designed for high-resolution imaging applications, frequently used in mobile devices, specialized cameras, and IoT vision systems. --- ### Core Technical Specifications The following table summarizes the primary electronic characteristics of the MV13V2CG-R: | Feature | Specification | | :--- | :--- | | **Resolution** | 13 Megapixels | | **Sensor Type** | CMOS Image Sensor (CIS) | | **Data Interface** | MIPI CSI-2 (Mobile Industry Processor Interface) | | **Output Format** | RAW 10-bit / 8-bit | | **Supply Voltage** | Analog: 2.8V, I/O: 1.8V, Digital: 1.2V | | **Package Type** | COB (Chip on Board) or CSP (Chip Scale Package) | | **Frame Rate** | Up to 30 fps at full resolution | --- ### Key Electronic Components & Functions 1. **Pixel Array:** The heart of the component is an active pixel sensor array. It utilizes Back-Side Illumination (BSI) technology to maximize light sensitivity and reduce noise in low-light conditions. 2. **Analog-to-Digital Converter (ADC):** Integrated high-speed ADCs convert the analog signals from the light-sensitive pixels into high-fidelity digital data (typically 10-bit). 3. **On-Chip Logic & Processing:** The sensor includes internal logic for: * **Exposure Control:** Managing integration time. * **Gain Control:** Adjusting signal amplification. * **Black Level Calibration:** Ensuring color accuracy by setting a baseline for "zero" light. 4. **Interface Logic (MIPI):** It uses a MIPI CSI-2 interface, which is the industry standard for high-bandwidth communication between an image sensor and an Application Processor (AP) or Image Signal Processor (ISP). --- ### Typical Application Circuitry To function within an electronic system, the MV13V2CG-R requires the following peripheral support: * **Decoupling Capacitors:** Small ceramic capacitors (0.1µF to 1µF) placed close to the VDD pins to filter power supply noise. * **Clock Source:** An external crystal or oscillator to provide the master clock (MCLK). * **I2C/SCCB Bus:** A two-wire serial interface used by the host processor to program the sensor's internal registers (setting resolution, frame rate, etc.). --- ### Implementation Example (Pseudo-Code for Initialization) ```python # Example of setting sensor registers via I2C def initialize_sensor(): write_reg(0x0100, 0x01) # Wake up sensor from standby write_reg(0x3035, 0x11) # Set system clock prescaler write_reg(0x3503, 0x07) # Adjust gain settings print("MV13V2CG-R Initialized successfully") ```
    ✨ Follow-up Questions
    • ⤷What are the specific power consumption ratings for the MV13V2CG-R in active mode?
    • ⤷ Which image signal processors (ISPs) are most compatible with this sensor?
    • ⤷ What are the dimensions and physical footprint of the MV13V2CG-R package?