Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV13V3AD-R

  • AI
    The **MV13V3AD-R** is a specific electronic component typically identified as a **Micro-Crystal (MC) Oven-Controlled Crystal Oscillator (OCXO)**. These parts are engineered for applications requiring extreme frequency stability and low phase noise. --- ## 1. Technical Specifications Below are the typical technical parameters for the MV13 series of oscillators: | Parameter | Specification (Typical) | | :--- | :--- | | **Output Frequency** | Usually 10.0 MHz (Standard for this series) | | **Supply Voltage** | 3.3V DC (Indicated by the "3V3" in the part number) | | **Package Type** | DIL-14 (Dual In-Line) or Through-hole package | | **Frequency Stability** | ±5 ppb to ±50 ppb (Parts per billion) | | **Operating Temp Range** | -40°C to +85°C | | **Output Waveform** | HCMOS / TTL | --- ## 2. Key Internal Components An OCXO like the MV13V3AD-R consists of several integrated subsystems: ### A. The Quartz Crystal The heart of the component is a high-quality quartz crystal. In an OCXO, this crystal is "cut" at a specific angle (usually SC-cut or AT-cut) to optimize stability against temperature changes. ### B. The Heating Element (The "Oven") To prevent frequency drift caused by ambient temperature changes, the crystal is placed inside a miniature thermal oven. This oven maintains the crystal at a precise, constant temperature (usually around 75°C to 85°C), which is higher than the expected ambient temperature. ### C. Control Circuitry * **Temperature Sensor:** Monitors the internal oven temperature. * **Heating Controller:** A feedback loop (PID controller) that adjusts power to the heater. * **Buffer/Output Amplifier:** Ensures the output signal is clean and can drive the load without affecting the oscillator's stability. --- ## 3. Part Number Breakdown (MV13V3AD-R) While manufacturers have unique coding, the suffix generally follows this logic: * **MV13:** Series identifier (Micro-Crystal high-stability series). * **V3:** Indicates the **3.3 Volt** power supply requirement. * **AD:** Often refers to specific frequency stability grades or output types. * **-R:** Standard notation for **RoHS Compliant** (Lead-free). --- ## 4. Common Applications Due to its high precision, this part is used in: 1. **Telecommunications:** Base stations (LTE/5G) and synchronization modules. 2. **Test & Measurement:** Frequency counters and signal generators. 3. **Navigation:** GPS disciplined clocks and maritime electronics. 4. **Networking:** High-speed routers and switches requiring Stratum 3 stability.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an OCXO and a standard TCXO?
    • ⤷ How long is the typical 'warm-up time' for the MV13 series?
    • ⤷ What are the pinout configurations for a DIL-14 OCXO?