Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV14T1CD-R

  • AI
    The **MV14T1CD-R** is a specialized electronic component, typically categorized as a **Voltage Controlled Crystal Oscillator (VCXO)** or a specific frequency control module used in telecommunications and high-speed data transmission systems. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications The "MV" series often follows standard industry naming conventions for high-stability oscillators. | Feature | Description | | :--- | :--- | | **Component Type** | Voltage Controlled Crystal Oscillator (VCXO) | | **Frequency Range** | Typically centered around specific telecommunication frequencies (e.g., 155.52 MHz or 622.08 MHz) | | **Control Voltage** | Usually 0V to 3.3V or 5V | | **Output Type** | Typically LVPECL or Differential Signal | | **Package Style** | Surface Mount (SMD) - likely a 6-pad or 14-pad configuration | | **Operating Temp** | Industrial grade (-40°C to +85°C) | --- ### 2. Key Electronic Functions The MV14T1CD-R performs three primary functions within a circuit: 1. **Frequency Synthesis:** It generates a high-precision clock signal required for synchronizing digital circuits. 2. **Phase-Locked Loop (PLL) Integration:** Because it is a *voltage-controlled* oscillator, its output frequency can be "steered" or adjusted slightly by an external voltage. This makes it ideal for jitter attenuation and clock recovery. 3. **Low Phase Noise:** These parts are engineered to have extremely low "timing jitter," ensuring that high-speed data bits are sampled at the exact correct moment. --- ### 3. Pin Configuration (Typical) While exact pinouts depend on the manufacturer (often companies like Connor-Winfield or similar high-precision timing brands), the layout generally follows this structure: | Pin # | Function | Description | | :--- | :--- | :--- | | **1** | V_c | Control Voltage (Adjusts the frequency) | | **2** | E/D or NC | Enable/Disable or No Connection | | **3** | GND | Circuit Ground | | **4** | Output | Main Clock Signal | | **5** | Comp Output | Complementary Clock Signal (for differential) | | **6** | Vcc | Supply Voltage | --- ### 4. Application Areas * **SONET/SDH:** Synchronous optical networking. * **Ethernet Switches:** High-speed 10GbE/40GbE infrastructure. * **Base Stations:** Wireless cellular communication backhaul. * **Test Equipment:** High-precision measurement tools requiring stable time bases. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact center frequency of the MV14T1CD-R?
    • ⤷ How does the control voltage affect the ppm (parts per million) shift in this oscillator?
    • ⤷ Is this part compatible with LVDS or strictly LVPECL logic?