Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV14T3CD-R

  • AI
    The **MV14T3CD-R** is a specific technical component primarily associated with **RF (Radio Frequency) and Microwave technology**. Below is a detailed breakdown of its electronic characteristics and classification. --- ## 1. Technical Classification The part number indicates it belongs to the category of **Voltage Controlled Oscillators (VCOs)** or specialized **Dielectric Resonator Oscillators (DROs)**, often manufactured by companies like Miteq (now part of L3Harris) or similar microwave component specialists. ### Component Specifications | Feature | Description | | :--- | :--- | | **Component Type** | RF Oscillator / Microwave Source | | **Circuit Type** | Surface Mount or Connectorized Module | | **Primary Function** | Generating a stable sine wave at a specific microwave frequency. | | **Key Attribute** | Low Phase Noise and High Stability. | --- ## 2. Electronic Parts Breakdown Inside a module like the MV14T3CD-R, several core electronic stages exist to ensure the signal is clean and stable: ### A. The Resonator (The "Heart") * **Material:** Often uses a ceramic dielectric material with a high dielectric constant. * **Function:** Determines the fundamental frequency of the oscillator. It acts as a high-Q tank circuit to minimize frequency drift. ### B. Active Device (Transistor) * **Type:** Usually a **GaAS FET** (Gallium Arsenide Field Effect Transistor) or a **SiGe Bipolar Transistor**. * **Function:** Provides the gain necessary to sustain oscillation. ### C. Varactor Diode * **Function:** Used for frequency tuning. By changing the voltage applied to the varactor, the capacitance changes, slightly shifting the output frequency. ### D. Buffer Amplifier * **Function:** Isolates the oscillator from the output load. This prevents "load pulling," where changes in the external circuit might cause the frequency to shift or stop oscillating. --- ## 3. Pinout and Interface Electronics Typically, these modules feature a standard set of electronic interfaces: 1. **Vcc (Supply Voltage):** Usually +5V or +12V DC. Requires a very clean, low-noise power supply to avoid modulating the RF signal. 2. **Vt (Tuning Voltage):** An analog input used to control the output frequency. 3. **RF Out:** The port where the high-frequency signal is emitted (usually 50-ohm impedance). 4. **Ground:** The common return path and thermal heat sink for the component. --- ## 4. Typical Applications Because of its precision, this part is used in: * **Satellite Communications:** Local oscillators in up/down converters. * **Radar Systems:** Generating the carrier frequency for pulse transmission. * **Test Equipment:** Signal generators and spectrum analyzers. ---
    ✨ Follow-up Questions
    • ⤷What is the specific frequency range for the MV14T3CD-R?
    • ⤷ How does the tuning voltage sensitivity affect its performance?
    • ⤷ Are there equivalent drop-in replacements for this specific model?