MV14V3AD-R
AI

The **MV14V3AD-R** is a specific electronic component, typically categorized as a **Voltage Controlled Crystal Oscillator (VCXO)** or a high-precision oscillator module. These parts are designed for frequency control in telecommunications, networking, and precision timing applications.
---
### 1. Component Overview
The MV14V3AD-R is engineered to provide a stable clock signal where the output frequency can be slightly adjusted (tuned) by an external control voltage.
| Attribute | Specification Details |
| :--- | :--- |
| **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) |
| **Package Type** | Through-hole (DIP) or Surface Mount (depending on series) |
| **Output Type** | Typically HCMOS/TTL or Sinewave |
| **Key Function** | Precise frequency generation and modulation |
---
### 2. Technical Characteristics
The "MV" series often points toward high-stability modules. Below are the typical electronic characteristics for this class of part:
#### A. Frequency Control
* **Control Voltage ($V_c$):** Allows for fine-tuning of the output frequency to synchronize with a reference clock.
* **Pullability:** The range (in ppm - parts per million) that the frequency can be shifted from its nominal value.
#### B. Stability and Noise
* **Phase Noise:** Designed to have low jitter, which is critical for high-speed data transmission.
* **Temperature Stability:** Maintains a consistent frequency even as the environment heats up or cools down.
#### C. Electrical Interface
* **Supply Voltage ($V_{cc}$):** Usually operates at standard levels like 3.3V or 5.0V.
* **Enable/Disable Function:** Often includes a "tri-state" pin to turn the output off for power saving or testing.
---
### 3. Common Applications
Due to its precision, the MV14V3AD-R is commonly found in:
1. **Phase-Locked Loops (PLLs):** Used to "lock" onto a specific signal frequency.
2. **Base Stations:** Providing timing for cellular networks (4G/5G).
3. **Broadcasting Equipment:** Ensuring audio/video signals remain synchronized.
4. **Test and Measurement:** Used as a reference clock in lab-grade oscilloscopes or signal generators.
---
### 4. Circuit Diagram Representation (Simplified)
In a schematic, the pinout typically follows this logic:
```mermaid
graph LR
A[Pin 1: Control Voltage] --> Oscillator
B[Pin 2: Case/GND] --> Oscillator
Oscillator --> C[Pin 3: Output Signal]
D[Pin 4: Supply Voltage Vcc] --> Oscillator
```
---
- ⤷
What is the exact nominal frequency of the MV14V3AD-R variant you are using?
- ⤷ Are you looking for a direct pin-compatible replacement for this part?
- ⤷ How does the control voltage range affect the frequency pull in this specific model?