Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV15V3AD-R

  • AI
    The **MV15V3AD-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Varistor** or a **Voltage Suppressor**. These parts are primarily used in power electronics and circuit protection to shield sensitive components from voltage transients and surges. --- ### 1. Key Technical Specifications While exact specifications can vary by manufacturer (often associated with brands like **Microsemi** or specialized industrial suppliers), the model name typically encodes its primary electrical characteristics: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) or TVS Diode | | **Working Voltage (DC)** | Typically 15V | | **Package Type** | SMD (Surface Mount Device) | | **Polarity** | Bi-directional (usually) | | **Response Time** | Fast (Nanoseconds) | | **RoHS Compliance** | Yes (indicated by the "-R" suffix) | --- ### 2. Physical and Chemical Composition The "MV" series parts are generally constructed using a ceramic-like material known as **Metal Oxide**. * **Microstructure:** It consists of zinc oxide grains with other metal oxide additives. * **Encapsulation:** The component is usually molded in a high-temperature resistant epoxy or glass passivation to ensure durability during the reflow soldering process. --- ### 3. Functional Working Principle The MV15V3AD-R acts as a **Non-linear Resistor**. Its resistance changes based on the applied voltage: 1. **Normal State:** When the circuit voltage is below 15V, the component has high resistance, acting as an open circuit. 2. **Surge State:** When a voltage spike (transient) occurs, the resistance drops instantly. 3. **Clamping:** The device "clamps" the voltage to a safe level, diverting the excess current to the ground or through a safe path, thus protecting the rest of the PCB. --- ### 4. Typical Applications This specific part is often found in the following environments: * **USB Port Protection:** Protecting data lines from Electrostatic Discharge (ESD). * **Automotive Electronics:** Safeguarding low-voltage sensors from engine-induced noise. * **Power Supplies:** Acting as a secondary protection layer for 12V-15V DC rails. * **Telecommunications:** Protecting signal lines in modems or routers. --- ### 5. Identification of the Suffix "-R" In modern electronics manufacturing, the **-R** suffix almost universally signifies: * **RoHS Compliant:** Lead-free and environmentally friendly materials. * **Tape and Reel:** Packaging format suitable for automated pick-and-place assembly machines.
    ✨ Follow-up Questions
    • ⤷ What are the peak pulse current ratings for the MV15V3AD-R?
    • ⤷ Can this component be used in AC voltage applications?
    • ⤷ What are the common alternatives or equivalents for this part?