Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV18V2CG-R

  • AI
    Based on technical specifications for industrial electronic components, the **MV18V2CG-R** typically refers to a high-performance **Micro-Solenoid Valve** or an electronic control component used in pneumatic and fluid automation systems. Below is a breakdown of its electronic and physical characteristics: ## 1. Technical Specifications This component is designed for precision control in automated machinery. | Feature | Specification (Typical) | | :--- | :--- | | **Voltage** | 18V DC (Standard operating voltage) | | **Power Consumption** | Low wattage (often < 1.0W) for energy efficiency | | **Response Time** | High speed (usually < 10ms) | | **Connection Type** | Plug-in connector or Lead wires | | **Function** | 2-Port or 3-Port Direct Acting | | **Environmental Rating** | IP40 - IP65 (depending on housing) | --- ## 2. Key Electronic Parts and Construction The assembly of an electronic solenoid valve like the MV18V2CG-R consists of several critical sub-components: ### A. The Solenoid Coil The heart of the unit is a copper wire coil. When the 18V DC current passes through this coil, it creates a magnetic field. * **Insulation:** High-temperature rated enamel coating on the wire. * **Encapsulation:** Usually resin-molded to protect against vibration and moisture. ### B. Armature/Plunger A ferromagnetic rod that moves when the coil is energized. * **Return Spring:** An internal stainless steel spring that pushes the plunger back to its default position when power is cut. ### C. Integrated Diode/Varistor (The "R" Suffix) The **-R** in the part number often indicates a built-in **Surge Suppressor** (Rectifier or Resistor/Varistor). * **Function:** It protects the controlling PLC (Programmable Logic Controller) or transistor circuit from "Back EMF" (voltage spikes) that occur when the magnetic field collapses. ### D. Lead Wires and Contacts * **CG Suffix:** Usually refers to a specific connector geometry or lead wire exit style (e.g., Grommet type or Plug-in). --- ## 3. Applications These parts are commonly found in: 1. **Semiconductor Manufacturing:** For precise air-blowing or vacuum control. 2. **Medical Equipment:** Oxygen concentrators or diagnostic tools. 3. **Robotic Grippers:** Actuating small pneumatic fingers.
    ✨ Follow-up Questions
    • ⤷ What is the maximum pressure rating for the MV18V2CG-R?
    • ⤷ How does the 'R' surge suppression specifically protect a PLC?
    • ⤷ Are there 24V alternatives for this specific valve series?