Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV18V3AD-R

  • AI
    The **MV18V3AD-R** is a specific model of a **Miniature Vacuum Pump** (often categorized under diaphragm pumps or micro-compressors), commonly used in medical, laboratory, and industrial automation equipment. --- ## 1. Electronic & Technical Specifications Below are the primary electronic and physical characteristics typically associated with this model: | Feature | Specification | | :--- | :--- | | **Operating Voltage** | 18V DC (Direct Current) | | **Current Consumption** | ~0.5A to 1.2A (depending on load) | | **Motor Type** | Brushed DC Motor (high efficiency) | | **Pressure Range** | Approx. 100 kPa to 250 kPa | | **Vacuum Level** | Approx. -50 kPa to -80 kPa | | **Flow Rate** | 3.0 L/min to 6.0 L/min | | **Noise Level** | < 60 dB | --- ## 2. Key Internal Components The MV18V3AD-R functions through a combination of electromagnetic and mechanical parts: ### A. The DC Motor * **Role:** The heart of the pump. It converts 18V electrical energy into rotational kinetic energy. * **Brushes:** As a brushed motor, it uses carbon or metal brushes to transfer current to the rotor. * **Coils:** Copper windings that generate the magnetic field required for rotation. ### B. Eccentric Linkage (Crank Mechanism) * **Role:** Converts the circular motion of the motor shaft into a linear "up and down" motion. * **Electronics Link:** This mechanical load determines the current draw; if the pump faces high resistance (backpressure), the motor draws more Amperes. ### C. Diaphragm & Valves * **Diaphragm:** A flexible membrane (usually EPDM or Silicone) that creates the vacuum chamber. * **Check Valves:** One-way electronic/mechanical flaps that ensure air flows in a single direction. --- ## 3. Wiring and Control To integrate the MV18V3AD-R into a circuit, consider the following electronic interfaces: * **Power Supply:** Requires a stable 18V DC source. Using a lower voltage (e.g., 12V) will result in significantly reduced flow, while higher voltage may burn out the motor coils. * **PWM Control:** The pump speed and flow rate can be controlled using **Pulse Width Modulation (PWM)** via a MOSFET or a motor driver (like the L298N or a simple logic-level FET). * **Protection:** It is recommended to install a **Flyback Diode** (e.g., 1N4007) across the motor terminals to protect your control electronics from voltage spikes generated when the motor stops. --- ## 4. Typical Applications 1. **Medical Devices:** Blood pressure monitors, wound therapy units. 2. **Environmental Sampling:** Air quality monitors or gas sensors. 3. **Industrial:** Pick-and-place vacuum grippers for small components.
    ✨ Follow-up Questions
    • ⤷ What is the maximum continuous runtime for the MV18V3AD-R before it requires cooling?
    • ⤷ Can I run this pump safely on a 24V power supply with a voltage regulator?
    • ⤷ Which specific MOSFET is recommended for controlling an 18V DC motor of this power class?