Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV18V3CD-R

  • AI
    The **MV18V3CD-R** is a specific electronic component typically identified as a **Varistor** (Voltage Dependent Resistor) manufactured by companies like *Microchip* or *Maida*. These components are designed to protect sensitive electronic circuits against voltage surges and transients. --- ### 1. General Specifications Based on the standard nomenclature for this part series, here are the technical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | MOV | Metal Oxide Varistor | | **RMS Voltage** | 18V | Maximum continuous operating AC voltage | | **DC Voltage** | 22V - 25V | Maximum continuous operating DC voltage | | **Varistor Voltage** | ~33V | The voltage at which the device starts conducting | | **Clamping Voltage** | ~50V - 60V | Peak voltage across the varistor during a surge | | **Form Factor** | Radial Disc | Through-hole mounting style | --- ### 2. Key Electronic Functions The MV18V3CD-R serves three primary roles in a circuit: 1. **Surge Suppression:** It acts as a high-impedance path during normal operation. When a voltage spike occurs (e.g., from a motor kickback or lightning), its resistance drops instantly, shunting the excess energy to the ground. 2. **Overvoltage Protection:** It prevents downstream components (like microcontrollers or capacitors) from being exposed to voltages higher than their breakdown rating. 3. **Transient Absorption:** It absorbs energy from fast-moving electromagnetic interference (EMI) pulses. --- ### 3. Physical Construction * **Material:** Composed primarily of Zinc Oxide (ZnO) grains pressed into a ceramic mass. * **Coating:** Usually encapsulated in a flame-retardant epoxy (often blue or red). * **Leads:** Two copper wires for through-hole PCB assembly. --- ### 4. Typical Applications Given its 18V rating, this specific part is commonly found in: * **Automotive Electronics:** Protection for 12V battery systems. * **Telecommunications:** Guarding low-voltage data lines. * **Power Supplies:** Secondary stage protection for DC output rails. * **Consumer Electronics:** Handheld devices and chargers.
    ✨ Follow-up Questions
    • ⤷ How do I test if an MV18V3CD-R varistor has failed using a multimeter?
    • ⤷ What is the difference between a varistor and a TVS diode?
    • ⤷ Can this component be used in a 24V DC system?