Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV21T2CD-R

  • AI
    The **MV21T2CD-R** is a specific model of a **Vacuum Fluorescent Display (VFD)** module, commonly manufactured by companies like NEC or Noritake Itron. These modules are known for their high brightness, wide viewing angles, and "retro" cyan-green glow. --- ### 1. Key Technical Specifications The MV21T2CD-R is typically a character-based VFD. Below are the standard electronic characteristics: | Parameter | Typical Value | | :--- | :--- | | **Display Type** | Vacuum Fluorescent Display (VFD) | | **Configuration** | 2 Lines x 20 Characters (Typical) | | **Operating Voltage** | 5V DC | | **Interface** | Parallel (8-bit) or Serial | | **Luminance** | 350 - 700 cd/m² | | **Operating Temp** | -20°C to +70°C | --- ### 2. Major Electronic Components The module is not just a glass tube; it is a complex PCB assembly consisting of several electronic subsystems: #### A. The VFD Glass Envelope The core component is a vacuum-sealed glass tube containing: * **Filaments (Cathodes):** Fine tungsten wires that emit electrons when heated. * **Grids:** Control elements that accelerate and direct electrons. * **Anodes:** Coated with phosphor; these glow when struck by electrons to form characters. #### B. The Display Driver ICs Because VFDs require higher voltages (typically 20V to 70V) than standard logic levels (5V), the board includes specialized **High-Voltage Driver ICs**. These chips translate low-level data signals into high-voltage pulses to switch the grids and anodes. #### C. DC-DC Converter (Power Section) The "MV" series usually includes an onboard power circuit. It takes the **5V input** and steps it up to the higher voltages required for the vacuum tube. You will notice an inductor/transformer and capacitors on the back of the PCB for this purpose. #### D. Microcontroller / Logic Interface This part handles the communication protocol (usually HD44780 compatible) and maps the character codes (ASCII) to the specific phosphor segments on the display. --- ### 3. Pinout and Connectivity While pinouts can vary slightly by revision, the MV21T2CD-R generally follows a standard industrial interface: 1. **VCC/GND:** 5V Power supply. 2. **Data Pins (D0-D7):** Bi-directional data bus for sending ASCII characters and commands. 3. **Control Pins:** * **RS (Register Select):** Switches between data and instructions. * **R/W (Read/Write):** Controls the direction of data. * **E (Enable):** Latches the data into the module. --- ### 4. Advantages over LCDs * **Self-Emissive:** Does not require a backlight. * **Speed:** Much faster response time than liquid crystals, especially in cold environments. * **Clarity:** High contrast ratio making it readable in direct sunlight.
    ✨ Follow-up Questions
    • ⤷ What is the command set for the MV21T2CD-R?
    • ⤷ How do I calculate the power consumption for this VFD module?
    • ⤷ Can this display be interfaced directly with an Arduino or ESP32?