Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV21T3CD-R

  • AI
    ## Analysis of the MV21T3CD-R Electronic Component The **MV21T3CD-R** is a specific part number primarily associated with **Varactor Diodes** (also known as Varicap diodes) manufactured by companies like **ON Semiconductor** (formerly Motorola). --- ### 1. Fundamental Component Details A varactor diode is a semiconductor device designed to exploit the voltage-dependent capacitance of a reverse-biased p-n junction. | Characteristic | Specification/Value | | :--- | :--- | | **Type** | Silicon Epicap Varactor Diode | | **Package** | SOD-323 (Surface Mount Device) | | **Configuration** | Single Diode | | **Function** | Voltage-controlled Tuning | --- ### 2. Key Electrical Specifications The performance of the MV21T3CD-R is defined by its capacitance range and the "Q factor" (Quality Factor), which determines how efficiently it operates at high frequencies. * **Capacitance ($C_t$):** Typically measured at a specific reverse voltage (e.g., 2.0V or 4.0V). It usually falls within the **20pF to 25pF** range depending on the specific sub-series. * **Capacitance Ratio ($TR$):** The ratio of capacitance at low voltage vs. high voltage (e.g., $C_2/C_{30}$). This indicates the tuning range of the device. * **Reverse Breakdown Voltage ($V_{BR}$):** Usually rated around **30V**. * **Figure of Merit (Q):** High Q factor, ensuring low loss in resonant circuits. --- ### 3. Electronic Applications Because this part changes its internal capacitance based on the input voltage, it is used in circuits where manual or automated tuning is required without moving mechanical parts. 1. **Voltage Controlled Oscillators (VCOs):** Used to set the frequency of an oscillator by changing the voltage. 2. **Frequency Modulators:** Implemented in FM transmitters to shift frequency according to the audio signal. 3. **Phase Shifters:** Used in RF signal processing to adjust the phase of a waveform. 4. **Tuning Circuits:** Found in radio and television receivers for channel selection. --- ### 4. Circuit Symbol and Operation In a schematic, the varactor is represented as a combination of a diode and a capacitor. ```text Cathode | --+-- / \ (Diode Symbol) / \ ------- --+-- (Capacitor Bar) | Anode ``` **Operating Principle:** * **Reverse Bias Increase:** The depletion layer widens $\rightarrow$ Capacitance **Decreases**. * **Reverse Bias Decrease:** The depletion layer narrows $\rightarrow$ Capacitance **Increases**. ---
    ✨ Follow-up Questions
    • ⤷ What is the typical tuning ratio for the MV21T series?
    • ⤷ How does the SOD-323 package impact PCB thermal management?
    • ⤷ Can this diode be used in high-power RF transmitters?