Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV21V1CD-R

  • AI
    Based on the part number provided, the **MV21V1CD-R** refers to a high-speed, small-form-factor **SFP (Small Form-factor Pluggable) Transceiver Module**, typically manufactured by companies like **Methode Electronics** or similar networking hardware providers. Below is a detailed breakdown of its electronic components and technical specifications. --- ## 1. Core Technical Specifications This module is designed for fiber optic communications, specifically for Gigabit Ethernet and Fibre Channel applications. | Feature | Specification | | :--- | :--- | | **Module Type** | SFP (Small Form-factor Pluggable) | | **Data Rate** | 1.25 Gbps (Gigabit Ethernet) / 1.0625 Gbps (Fibre Channel) | | **Wavelength** | 850 nm | | **Media Type** | Multi-Mode Fiber (MMF) | | **Connector Type** | Duplex LC | | **Max Distance** | Up to 550 meters (on 50/125µm MMF) | | **Voltage Supply** | 3.3V | | **Form Factor** | Hot-pluggable metal enclosure | --- ## 2. Internal Electronic Components The MV21V1CD-R consists of several integrated sub-assemblies that handle the conversion between electrical and optical signals. ### A. Transmitter Section (Optical Output) * **VCSEL Laser:** Uses a **Vertical-Cavity Surface-Emitting Laser** (850nm). This is a low-cost, high-efficiency semiconductor diode that emits light vertically from its top surface. * **Laser Driver IC:** Converts the differential electrical signals from the host system into the current pulses required to drive the VCSEL. ### B. Receiver Section (Optical Input) * **PIN Photodiode:** A semiconductor device that converts incoming light pulses back into an electrical current. * **Trans-Impedance Amplifier (TIA):** A high-gain amplifier that converts the photodiode's low-level current into a usable voltage signal. * **Limiting Amplifier:** Post-amplifies the signal to provide a clean, squared-off digital output to the host system. ### C. Control & Interface * **EEPROM:** Contains internal ID information, including manufacturer name, part number, serial number, and supported protocols. * **I2C Serial Interface:** Used by the host device to communicate with the module's internal memory and (if supported) Digital Diagnostic Monitoring (DDM) data. --- ## 3. Pin Configuration (MSA Standard) The device follows the **SFP Multi-Source Agreement (MSA)**. Key pins include: 1. **VeeT / VeeR:** Ground connections for Transmitter and Receiver. 2. **TD+ / TD-:** Differential Transmit Data inputs. 3. **RD+ / RD-:** Differential Receive Data outputs. 4. **SDA / SCL:** Two-wire serial interface for ID/Control. 5. **TX_Fault:** Indicates a laser failure. 6. **TX_Disable:** Allows the host to turn off the laser. 7. **Loss of Signal (LOS):** Indicates that the incoming optical power is below a functional threshold. --- ## 4. Key Electronic Standards * **RoHS Compliant:** The "-R" suffix usually indicates compliance with the **Restriction of Hazardous Substances** directive. * **Class 1 Laser Safety:** Designed to be eye-safe under normal operating conditions (EN 60825-1). * **EMI Shielding:** The metal housing provides electromagnetic interference suppression to ensure signal integrity in high-density rack environments. ---
    ✨ Follow-up Questions
    • ⤷ Does this module support Digital Diagnostic Monitoring (DDM/DOM) functions?
    • ⤷ What is the specific temperature range for the 'CD' suffix in this part number?
    • ⤷ Can this module be used in a 10Gbps SFP+ port?