Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV22T1AD-R

  • AI
    ## MV22T1AD-R: Technical Specifications and Overview The **MV22T1AD-R** is a specific electronic component, typically categorized as a **VCO (Voltage Controlled Oscillator)** or a **Crystal Oscillator (VCXO)**, commonly used in telecommunications and high-frequency RF applications. --- ### 1. Key Component Specifications Below is a breakdown of the typical technical parameters associated with this part number (often associated with manufacturers like Microchip/Vectron or specialized RF suppliers): | Feature | Description | | :--- | :--- | | **Component Type** | Voltage Controlled Crystal Oscillator (VCXO) | | **Package Style** | Surface Mount Device (SMD) | | **Frequency Range** | Typically fixed (common frequencies: 10MHz - 52MHz) | | **Supply Voltage** | Usually 3.3V or 5.0V (Standard logic levels) | | **Output Type** | CMOS / TTL compatible | | **Operating Temp** | Industrial Grade (-40°C to +85°C) | --- ### 2. Electronic Functionality The MV22T1AD-R functions as a frequency generator where the output frequency can be "pulled" or adjusted slightly by an external tuning voltage. * **VCO/VCXO Core:** It utilizes a quartz crystal for high stability, but incorporates a varactor diode to allow small frequency adjustments. * **Control Voltage ($V_c$):** By changing the voltage at the control pin, the user can fine-tune the output to synchronize with a reference clock (Phase-Locked Loop applications). * **Low Phase Noise:** Designed to minimize "jitter," making it suitable for data transmission where timing precision is critical. --- ### 3. Common Applications These parts are integrated into complex electronic systems that require precise timing synchronization: 1. **Telecommunications:** Base stations and small cell hardware. 2. **Networking:** SONET/SDH clocks and Ethernet synchronization. 3. **Broadcasting:** Video/audio signal processing equipment. 4. **Test & Measurement:** Frequency synthesizers and laboratory signal generators. --- ### 4. Pin Configuration (Typical) *Though you should always consult the specific datasheet for the manufacturer's revision, standard 4-pin or 6-pin VCXOs follow this logic:* * **Pin 1:** Control Voltage ($V_{cont}$) * **Pin 2:** Enable/Disable or No Connect * **Pin 3:** Ground (GND) * **Pin 4:** RF Output * **Pin 5/6:** Supply Voltage ($V_{cc}$)
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer of your MV22T1AD-R component?
    • ⤷ Do you need the exact pinout diagram for this specific model?
    • ⤷ What is the target frequency you are trying to achieve in your circuit?