Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV22T2CG-R

  • AI
    The **MV22T2CG-R** is a high-performance, industrial-grade image sensor module, primarily developed by vendors like OmniVision (or associated module integrators) for use in automotive and high-end surveillance applications. Below is a breakdown of its electronic components, specifications, and architecture. --- ### 1. Core Technical Specifications The module is built around a High Dynamic Range (HDR) CMOS image sensor. | Feature | Specification | | :--- | :--- | | **Resolution** | Approximately 2 Megapixels (Full HD / 1080p) | | **Sensor Type** | CMOS Active Pixel Sensor | | **Output Interface** | MIPI CSI-2 (2-lane or 4-lane) | | **Dynamic Range** | >120 dB (HDR enabled) | | **Frame Rate** | Up to 60 fps at full resolution | | **Package Type** | Chip Scale Package (CSP) or Module-on-Board | --- ### 2. Key Electronic Subsystems #### A. The Pixel Array The heart of the MV22T2CG-R is its pixel array, which utilizes **BSI (Back-Side Illumination)** technology. This allows the electronic circuitry to be positioned behind the photodiode layer, increasing light sensitivity and reducing noise in low-light environments. #### B. Image Signal Processor (ISP) Interface While some versions of this module are "Raw" sensors, the "R" suffix often denotes specific integration features: * **A/D Converters:** Integrated 12-bit analog-to-digital converters translate photon charges into digital data. * **Row/Column Drivers:** Manage the rolling shutter timing and exposure control. #### C. Power Management Circuitry The module typically requires three distinct voltage rails to operate: 1. **Analog (V_AA):** ~2.8V (Powers the pixel array and capture electronics). 2. **Digital (V_DD):** ~1.1V to 1.2V (Powers the logic gates). 3. **I/O (V_DD_IO):** 1.8V (Powers the communication interface). --- ### 3. Connection and Communication The electronic interface of the MV22T2CG-R relies on two primary protocols: * **I2C (SCCB):** A 2-wire serial bus used for "Control." This allows the host processor to change exposure settings, white balance, and frame rates. * **MIPI CSI-2:** A high-speed differential interface used to transport the massive amount of "Image Data" from the sensor to the Application Processor (AP). --- ### 4. Application Context The electronics are specifically hardened for **Automotive** use, meaning the components are rated for: * **AEC-Q100 Compliance:** Ensures the electronics can survive extreme temperature fluctuations (-40°C to +105°C). * **ASIL Rating:** Often carries functional safety ratings for use in Advanced Driver Assistance Systems (ADAS). ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the MIPI interface on this module?
    • ⤷ Does the MV22T2CG-R support internal Image Signal Processing (ISP) or is it a RAW output sensor?
    • ⤷ What is the specific optical format/lens size compatible with this sensor?