Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV23V1AD-R

  • AI
    The **MV23V1AD-R** is a specific surface-mount component, typically identifying as a **Varistor** (Voltage Dependent Resistor) or a specialized **TVS (Transient Voltage Suppressor) Diode** manufactured by vendors such as **Thinking Electronic** or similar specialists in circuit protection. These components are designed to protect sensitive electronics from voltage surges and electrostatic discharge (ESD). --- ### 1. Key Technical Specifications While exact parameters can vary slightly based on the manufacturer's datasheet revision, the following are the standard characteristics for this part series: | Property | Typical Value / Description | | :--- | :--- | | **Component Type** | Multilayer Varistor (MLV) | | **Package / Case** | 0603 or 0402 (SMD) | | **Working Voltage (DC)** | ~18V - 23V | | **Clamping Voltage** | ~40V - 55V | | **Peak Current** | 20A - 30A (8/20μs pulse) | | **Capacitance** | Low to Medium (depending on frequency requirements) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Functional Role in a Circuit The MV23V1AD-R acts as a "safety valve" for electrical circuits. * **Normal Operation:** At standard operating voltages (below 23V), the part maintains a high resistance and remains electrically "invisible" to the circuit. * **Surge Event:** When a voltage spike (like static electricity or inductive switching) exceeds its threshold, its resistance drops instantly. * **Clamping:** It shunts the excess current to the ground, "clamping" the voltage to a safe level to prevent damage to integrated circuits (ICs). --- ### 3. Applications This part is commonly found in high-density consumer electronics where space is limited: 1. **Mobile Devices:** Protection for USB ports, battery terminals, and side keys. 2. **Automotive Electronics:** Used in infotainment systems and sensor modules to guard against load dump transients. 3. **Computer Peripherals:** Protecting I/O ports (HDMI, DisplayPort) from ESD during hot-plugging. 4. **IoT Devices:** Power supply rail protection for small-scale sensors. --- ### 4. Part Number Breakdown (General Convention) | Segment | Meaning | | :--- | :--- | | **MV** | Multilayer Varistor | | **23** | Maximum Continuous Working Voltage (23VDC) | | **V1** | Series/Energy Rating code | | **AD** | Tolerance/Designator code | | **-R** | RoHS Compliant / Tape & Reel Packaging | ---
    ✨ Follow-up Questions
    • ⤷What are the primary differences between a Multilayer Varistor and a standard TVS Diode?
    • ⤷ How do I calculate the required clamping voltage for my specific circuit?
    • ⤷ Are there specific soldering temperature profiles recommended for the MV23V1AD-R?