Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV24T2CG-R

  • AI
    The **MV24T2CG-R** is a specific model identifier typically associated with **LCD/LED Display Panels**, specifically those manufactured by **BOE** (Beijing Oriental Electronics) or used in high-refresh-rate gaming monitors. Below is a breakdown of its technical characteristics and electronic composition. --- ### 1. General Specifications This part is a high-performance display module designed for desktop monitors. Its primary appeal lies in its "Fast IPS" technology and high vertical frequency. | Parameter | Specification | | :--- | :--- | | **Panel Type** | TFT-LCD (Thin Film Transistor Liquid Crystal Display) | | **Technology** | ADS / IPS (Advanced Super Dimension Switch) | | **Resolution** | 1920 x 1080 (Full HD) | | **Screen Size** | 23.8 - 24.0 Inches | | **Refresh Rate** | 144Hz / 165Hz (Native) | | **Interface** | LVDS or eDP (Embedded DisplayPort) | --- ### 2. Key Electronic Components The MV24T2CG-R consists of several integrated electronic subsystems that work together to render images: #### A. The Timing Controller (T-CON) Board The T-CON is the "brain" of the panel. It translates the video signal from the monitor's mainboard into specific row and column signals that the pixels understand. * **Function:** Manages high-speed data synchronization. * **Voltage:** Typically operates on a 5V or 12V DC input. #### B. Driver ICs (COF - Chip on Film) These are small chips mounted on flexible ribbons attached to the edge of the glass. * **Gate Drivers:** Control the "opening" of rows of pixels. * **Source Drivers:** Supply the specific voltage levels to create colors/shades. #### C. Backlight Unit (BLU) - LED Driver This model utilizes a WLED (White LED) string array for illumination. * **Electronic Part:** Constant Current LED Driver. * **Dimming:** Supports PWM (Pulse Width Modulation) for brightness control. #### D. Power Management IC (PMIC) Located on the panel's PCB, this chip generates the various voltages needed by the LCD glass: * **VGH/VGL:** High/Low voltages for switching transistors. * **AVDD:** Analog voltage for the grayscale levels. --- ### 3. Interface Pinout (Standard eDP 30-pin) While specific pinouts can vary by revision, these panels generally follow the industry-standard eDP interface: ```markdown Pin 1: NC (No Connection) Pin 2: High Speed Ground Pin 3: Lane 1 Negative (-) Pin 4: Lane 1 Positive (+) Pin 5: High Speed Ground ... Pin 21: LCD Power Supply (3.3V - 5V) Pin 22: LCD Power Supply ... Pin 28: Backlight Enable (BL_ON) Pin 29: Backlight PWM Dimming Pin 30: Backlight Power (12V) ``` --- ### 4. Common Failure Points Technicians often encounter specific electronic issues with this series: 1. **Tab Bond Failure:** Vertical lines appearing on the screen due to heat damaging the COF (Chip on Film). 2. **Gamma Distortion:** Issues with the PMIC or T-CON causing "washed out" or inverted colors. 3. **Backlight Inverter Failure:** The screen remains dark, but an image can be seen if a flashlight is held against the glass.
    ✨ Follow-up Questions
    • ⤷ What are the compatible T-CON board models for the MV24T2CG-R?
    • ⤷ How do I convert a 30-pin eDP signal to HDMI for this panel?
    • ⤷ What is the maximum brightness (Nits) rating for this specific BOE panel?