Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV24V3AD-R

  • AI
    The **MV24V3AD-R** is a specialized power supply module, typically categorized as a DC-DC converter or a specific regulated power adapter component used in industrial automation, telecommunications, or medical equipment. Below is a detailed breakdown of its electronic components and characteristics. --- ## 1. Technical Specifications Overview Based on the standard nomenclature for this series, here are the primary electrical characteristics: | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Input Voltage** | 100V – 240V AC (or specific DC range) | Universal wide-range input support. | | **Output Voltage** | 24V DC | Stable regulated direct current output. | | **Output Current** | 3.0A | Maximum load capacity (72W total). | | **Efficiency** | > 85% | Energy efficiency during conversion. | | **Form Factor** | Open Frame or Encapsulated | Varies by sub-model suffix. | --- ## 2. Key Electronic Internal Components The MV24V3AD-R utilizes a **Switching Mode Power Supply (SMPS)** architecture. Its internal circuitry consists of these primary blocks: ### A. Input Stage (EMI & Rectification) * **EMI Filter:** Composed of X/Y capacitors and common mode chokes to prevent electromagnetic interference from leaking back into the grid. * **Bridge Rectifier:** Converts the incoming AC voltage into high-voltage DC. * **Bulk Capacitor:** Smooths the rectified DC before it enters the switching stage. ### B. Power Conversion (Switching) * **PWM Controller IC:** The "brain" that regulates the duty cycle to maintain a steady 24V output regardless of load changes. * **MOSFET:** A high-speed transistor that switches the DC current at high frequencies (typically 50kHz–150kHz). * **High-Frequency Transformer:** Provides galvanic isolation between the high-voltage input and the 24V output while stepping down the voltage. ### C. Output Stage (Filtering & Feedback) * **Schottky Diodes:** Rectify the high-frequency AC from the transformer back into DC. * **LC Filter:** Inductors and Low-ESR capacitors that remove high-frequency ripples. * **Optocoupler:** Provides a feedback loop to the PWM controller while maintaining electrical isolation between input and output. --- ## 3. Protection Features The "-R" suffix often indicates a specific revision or **RoHS compliance**, but it also signifies the inclusion of standard protection circuits: 1. **Over-Voltage Protection (OVP):** Shuts down the unit if the output exceeds a safe threshold (e.g., 28V). 2. **Over-Current Protection (OCP):** Limits output current to prevent overheating during a short circuit. 3. **Thermal Shutdown:** Internal sensors that disable the MOSFET if the internal temperature exceeds safe operating limits. --- ## 4. Typical Applications * **Industrial PLC Power:** Providing stable 24V rails for programmable logic controllers. * **LED Drivers:** Powering large-scale LED arrays requiring constant voltage. * **Communication Equipment:** Powering routers or base station modules.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the MV24V3AD-R connector?
    • ⤷Is there a specific datasheet for the thermal derating curve of this model?
    • ⤷What are the main differences between the 'R' suffix and the standard version?