Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV25T3AD-R

  • AI
    The **MV25T3AD-R** is a high-precision, high-stability **TCXO (Temperature Compensated Crystal Oscillator)** manufactured by Microchip Technology (specifically under the Vectron brand). It is designed for applications requiring a stable frequency reference despite environmental temperature fluctuations. --- ## 1. Key Specifications Table The following table summarizes the core electronic parameters of the MV25T3AD-R: | Parameter | Specification | | :--- | :--- | | **Frequency** | 25.000 MHz (Typical) | | **Type** | TCXO (Temperature Compensated Crystal Oscillator) | | **Supply Voltage ($V_{dd}$)** | 3.3 V | | **Output Type** | CMOS / HCMOS | | **Frequency Stability** | ±0.5 ppm to ±2.5 ppm (depending on temp range) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Package Size** | 3.2mm x 2.5mm (4-pad SMD) | | **Current Consumption** | ~3.0 mA to 5.0 mA | --- ## 2. Core Functional Components The MV25T3AD-R consists of several internal electronic stages integrated into a single surface-mount package: ### A. The Quartz Crystal Blank The heart of the device is a precision-cut quartz crystal that vibrates at 25 MHz. Because quartz changes its vibration frequency as temperature changes, it requires compensation. ### B. Temperature Compensation Circuit This is the "TC" in TCXO. It contains: * **Temperature Sensor:** Monitors the ambient temperature of the package. * **Compensation Logic:** An analog or digital network that calculates the necessary voltage adjustment to counteract frequency drift. * **Varactor Diode:** A voltage-variable capacitor that "pulls" the crystal frequency back to its nominal value (25 MHz) based on the input from the compensation logic. ### C. Output Driver (CMOS) The internal oscillations are converted into a square-wave **CMOS logic level** signal. This allows the part to directly interface with the clock inputs of Microcontrollers (MCUs), FPGAs, or Communication SoCs without needing additional buffers. --- ## 3. Typical Application Circuit When integrating the MV25T3AD-R, the following electronic setup is usually required: ```markdown Vcc (3.3V) ----[ 0.1uF Bypass Cap ]---- Pin 4 (Vdd) Pin 3 (Output) ----> System Clock Input GND ----------------------------------- Pin 2 (GND) NC/Control ----[ Optional ]------------ Pin 1 (Voltage Control or No Connect) ``` --- ## 4. Common Use Cases Due to its 25 MHz frequency and high stability, this part is frequently found in: * **Ethernet PHYs/Switches:** Providing the base clock for 10/100/1000 Mbps networking. * **Wi-Fi/Bluetooth Modules:** Ensuring radio frequency accuracy. * **Stratum 3 Timing:** Used in telecommunications infrastructure where timing drift must be minimized. * **GPS/GNSS Receivers:** High stability is required for fast satellite signal acquisition.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard XO and this TCXO model?
    • ⤷ How does the 'R' suffix in the part number affect the packaging (Tape and Reel)?
    • ⤷ Are there compatible alternatives with the same 3225 footprint?