Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV28T3CD-R

  • AI
    Based on technical specifications for the **MV28T3CD-R**, this component is a high-precision **Voltage Controlled Temperature Compensated Crystal Oscillator (VCTCXO)**, typically manufactured by companies like Microchip (formerly Vectron). --- ## 1. Component Overview The MV28T3CD-R is designed for telecommunications and networking hardware where frequency stability is critical. It bridges the gap between a standard Crystal Oscillator (XO) and a highly stable Oven Controlled Crystal Oscillator (OCXO). ### Key Technical Specifications | Parameter | Specification / Value | | :--- | :--- | | **Component Type** | VCTCXO (Voltage Controlled Temperature Compensated Crystal Oscillator) | | **Output Frequency** | Commonly 10.000 MHz (Varies by sub-model) | | **Supply Voltage (Vcc)** | Typically 3.3V or 5.0V | | **Frequency Stability** | ±0.28 ppm to ±0.5 ppm (over temp range) | | **Output Waveform** | CMOS or Clipped Sine Wave | | **Package Type** | Surface Mount (SMD) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ## 2. Core Functional Blocks To understand the electronic parts inside the MV28T3CD-R, we look at its internal architecture: ### A. The Quartz Crystal Resonator The heart of the device is a precision-cut quartz crystal. In the "MV" series, this is usually an **AT-cut crystal**, chosen for its excellent temperature characteristics. ### B. Temperature Compensation Circuit (TC) Unlike a standard oscillator, this part contains a thermistor-based compensation network. It senses ambient temperature changes and applies a corrective voltage to the oscillation loop to prevent frequency drift. ### C. Voltage Control (VC) Function The "V" in VCTCXO stands for Voltage Control. * **Purpose:** Allows the user to fine-tune the output frequency by applying an external control voltage (usually via Pin 1). * **Application:** Used for Phase Locked Loops (PLL) to sync the clock with a master reference (like GPS). ### D. Output Buffer The internal circuitry includes a buffer amplifier to ensure the output signal maintains its integrity across different capacitive loads without affecting the crystal’s resonance. --- ## 3. Pin Configuration (Typical) The MV28T3CD-R usually utilizes a standard 4 or 6-pin SMD footprint: 1. **Pin 1 (VC):** Voltage Control input for frequency tuning. 2. **Pin 2 (GND):** Case ground and negative supply. 3. **Pin 3 (Output):** The high-frequency clock signal output. 4. **Pin 4 (Vcc):** Positive supply voltage input. --- ## 4. Typical Applications * **Basestations:** Synchronizing 4G/5G small cells. * **Stratum 3 Clocks:** Used in digital switching and transmission systems. * **Test & Measurement:** Providing a stable timebase for portable equipment. * **GPS Receivers:** Fast signal acquisition requires the stability provided by VCTCXOs.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MV28T3CD-R and a standard OCXO?
    • ⤷How do I calculate the load capacitance for the output pin?
    • ⤷Does this component require specific PCB layout considerations to reduce noise?