Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV28V3AD-R

  • AI
    The **MV28V3AD-R** is a high-precision, oven-controlled crystal oscillator (OCCO) or voltage-controlled crystal oscillator (VCXO) variant, typically produced by manufacturers like **MtronPTI**. These components are designed for high-stability frequency control in telecommunications and industrial applications. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature related to its electrical characteristics. | Feature | Specification Details | | :--- | :--- | | **Package Type** | DIP-14 or specialized SMD footprint (Metal Can) | | **Supply Voltage** | Typically **3.3V DC** (indicated by "3" in many codes) | | **Frequency Stability** | Extremely high (often in the ppb - parts per billion range) | | **Output Type** | HCMOS / TTL compatible | | **Operating Temp** | Industrial grade (often -40°C to +85°C) | | **Control Voltage** | Analog voltage input for fine frequency tuning | --- ### 2. Functional Electronic Sections To understand the "parts" inside this component, it is best viewed as a system-in-a-package: #### A. The Quartz Crystal The heart of the device. It is a precision-cut quartz wafer that vibrates at a specific resonant frequency. In the "V" (Voltage Controlled) series, the crystal's load capacitance is shifted using a varactor diode. #### B. Varactor Diode Network Integrated into the oscillation circuit, this part allows the user to apply an external voltage (V_control) to pull the frequency slightly higher or lower. This is essential for Phase Locked Loops (PLL). #### C. Buffer & Output Stage An internal integrated circuit (IC) that converts the weak sinusoidal oscillation of the crystal into a robust **HCMOS square wave** capable of driving other digital components on a PCB without signal degradation. #### D. Voltage Regulation / Compensation Internal circuitry ensures that fluctuations in the input supply voltage do not cause "jitter" or frequency drift. --- ### 3. Pinout Configuration (Standard) While you should always consult the specific MtronPTI datasheet, the standard configuration for this series is: 1. **V_control:** Voltage input to adjust frequency. 2. **Case Ground:** Connected to the metal housing for EMI shielding. 3. **Output:** The clock signal (Square wave). 4. **Vcc:** Positive supply voltage (3.3V). --- ### 4. Typical Applications * **Base Stations:** Synchronizing timing in 4G/5G infrastructure. * **Test Equipment:** Frequency synthesizers and spectrum analyzers. * **SATCOM:** Satellite communication ground stations requiring low phase noise.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of your specific MV28V3AD-R unit?
    • ⤷ Do you need the footprint dimensions for PCB layout?
    • ⤷ Are you looking for an equivalent replacement from another manufacturer?