Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV65V1AD-R

  • AI
    ### MV65V1AD-R Technical Overview The **MV65V1AD-R** is a specific part number typically associated with a **Universal LCD/LED Driver Board** (often manufactured by MStar or similar vendors). These boards are widely used in the repair and manufacturing of televisions and monitors to convert digital signals into a format compatible with LCD panels. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic parameters for this driver board series: | Parameter | Specification | | :--- | :--- | | **Main Chipset** | MStar (often TSUM series) | | **Input Interface** | HDMI, VGA, PC Audio | | **Output Interface** | LVDS (Low-Voltage Differential Signaling) | | **Max Resolution** | Up to 1920 x 1080 (Full HD) | | **Power Input** | 12V DC (typical) | | **Panel Voltage** | Adjustable (3.3V, 5V, or 12V via jumper) | | **OSD Language** | Multi-language support | --- ### 2. Core Electronic Components The board consists of several critical subsystems: #### A. Power Management Unit (PMU) * **DC-DC Converters:** Steps down the 12V input to 5V, 3.3V, and 1.2V to power the main SoC and the LVDS logic. * **Voltage Selection Jumper:** A physical header used to select the operating voltage for the connected LCD panel. **Warning:** Setting this incorrectly can destroy the screen. #### B. The Main Controller (SoC) * This IC acts as the "brain." It processes incoming video signals (HDMI/VGA), handles the On-Screen Display (OSD) menu, and scales the image to fit the specific resolution of the LCD panel. #### C. LVDS Interface * The output connector (usually 30-pin or 40-pin) transmits high-speed serial data to the panel. It supports various mapping standards like VESA and JEIDA. #### D. Audio Amplifier * A small integrated Class-D amplifier chip that drives external 4Ω or 8Ω speakers directly from the board. --- ### 3. Peripheral Connections To function, the MV65V1AD-R requires several external modules: 1. **Keypad/IR Sensor:** A small secondary board for physical buttons (Power, Vol, Source) and the infrared receiver for the remote. 2. **Inverter/LED Driver:** If the board does not have an integrated constant current driver, an external board is needed to light the screen's backlight. 3. **LVDS Cable:** The specific harness that connects the board to the T-CON board of the LCD. --- ### 4. Programming and Firmware Unlike a simple plug-and-play component, the MV65V1AD-R requires **firmware** specific to the LCD panel model (resolution and bit-rate). * **Method:** Firmware is usually loaded via a USB drive or an ISP (In-System Programming) tool. * **Configuration:** The `.bin` file dictates the panel timings, splash screen, and remote control codes.
    ✨ Follow-up Questions
    • ⤷ How do I select the correct jumper voltage for my specific LCD panel?
    • ⤷ Which firmware tools are required to program the MV65V1AD-R?
    • ⤷ Can this board support 4K resolution panels?