Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV66T1CD-R

  • AI
    ## Overview: MV66T1CD-R Melody Generator IC The **MV66T1CD-R** is a CMOS Integrated Circuit (IC) designed primarily for melody generation. It belongs to a popular family of music chips (similar to the UM66 series) used in toys, greeting cards, and simple alarm systems. ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Function** | Melody Generator / Music Synthesizer | | **Package Type** | TO-92 (Transistor shape) | | **Technology** | CMOS (Low power consumption) | | **Voltage Range** | 1.5V to 4.5V (Standard 3V) | | **Output Type** | Piezoelectric or Speaker (via transistor) | --- ### 2. Pin Configuration (TO-92 Package) The device typically features three pins, resembling a standard transistor. | Pin Number | Name | Function | | :--- | :--- | :--- | | **1** | **Vss** | Negative Power Supply (Ground) | | **2** | **Vdd** | Positive Power Supply (+1.5V to +4.5V) | | **3** | **OUT** | Melody Output Signal | --- ### 3. Key Electronic Characteristics * **Built-in Oscillator:** The chip contains an internal RC oscillator, meaning it does not require an external crystal to function. * **Low Power Consumption:** Since it is built on CMOS technology, it draws very little current, making it ideal for battery-operated devices. * **Single-Tune Operation:** The "CD-R" variant typically contains one pre-programmed melody that plays in a loop or once depending on the specific mask version. * **Power-On Reset:** The melody starts playing as soon as power is applied to the Vdd and Vss pins. --- ### 4. Basic Application Circuit To drive a standard 8-ohm speaker, a simple NPN transistor is required because the IC's output current is too low to drive a speaker directly. ```text Basic Schematic: [Vdd 3V] ----+---- [Pin 2: Vdd] | +---- [Speaker (+)] | [Speaker (-)] | (C) [NPN Transistor (e.g., BC547)] [Pin 3: OUT] -------(B) (E) | [GND] -------+------- [Pin 1: Vss] ``` --- ### 5. Common Uses * **Doorbell systems:** Providing a simple chime. * **Musical Toys:** Low-cost sound generation. * **Greeting Cards:** Automatic playback when the card is opened. * **Alarms:** Simple auditory alerts for timers or sensors.
    ✨ Follow-up Questions
    • ⤷ What is the specific melody programmed into the MV66T1CD-R variant?
    • ⤷ Can this IC be used to drive a Piezo buzzer without a transistor?
    • ⤷ What are the differences between the MV66T and the UM66 series?