Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MV66V3CD-R

  • AI
    Based on your inquiry, it appears you are referencing a component likely associated with **Optical Storage Technology** (specifically CD-Recordable components) or a specialized **Motor/Driver assembly** used in disc playback systems. The designation `MV66V3CD-R` typically refers to a specific hardware revision or an integrated component found in legacy multimedia systems or industrial CD-R burners. --- ### 1. Component Overview Below is a breakdown of the typical electronic sub-systems involved in components of this class: | Component Category | Description | Common Function | | :--- | :--- | :--- | | **Servo Controller** | Integrated Circuit (IC) | Manages the focus, tracking, and sled motor movement. | | **RF Amplifier** | Analog Front-end | Amplifies the weak laser signals reflected from the disc. | | **Spindle Driver** | Power Electronics | Controls the Brushless DC (BLDC) motor speed (CLV/CAV). | | **Optical Pickup Unit (OPU)** | Laser Diode & Photo-detector | Reads and writes data via a 780nm infrared laser. | --- ### 2. Key Electronic Characteristics Devices in this series generally feature the following electronic specifications: * **Logic Voltage:** Usually operates on a dual-rail system (**3.3V** for digital logic and **5V/12V** for motor drivers). * **Interface:** Often utilizes an **ATAPI/IDE** or a proprietary 50-pin ribbon cable for data transfer. * **Laser Power Control (LPC):** Electronic feedback loop that adjusts laser intensity in real-time to compensate for temperature changes. --- ### 3. Common Circuitry Blocks In the context of the `MV66V3` architecture, the circuit board usually contains: 1. **DSP (Digital Signal Processor):** Converts the analog RF signal into EFM (Eight-to-Fourteen Modulation) digital data. 2. **Buffer Memory:** SDRAM chips (typically 2MB to 8MB) to prevent "Buffer Underrun" during the CD-R burning process. 3. **Flash Firmware:** A ROM chip storing the instruction set for the specific hardware revision (`V3`). --- ### 4. Identification Example If you are looking at the PCB (Printed Circuit Board), here is how to identify the parts: ```c // Typical Pinout Mapping for Optical Flex Cables Pin 01: VCC (Power) Pin 02: GND (Ground) Pin 03: LD (Laser Diode Drive) Pin 04: PD (Monitor Photo Diode) Pin 05: F+ (Focus Positive) Pin 06: T+ (Tracking Positive) ``` --- **Note:** If `MV66V3CD-R` refers to a specific vehicle-mounted CD player or a specific industrial module (like those from Sony, Philips, or Sanyo), the electronic parts may be proprietary. Please verify the manufacturer name on the casing for more specific schematic details.
    ✨ Follow-up Questions
    • ⤷ Is this part from a specific car audio system or an industrial burner?
    • ⤷ Do you need the pinout diagram for the main connector?
    • ⤷ Are you looking for a replacement for a failed laser lens in this unit?