Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MVH18V2AD-R

  • AI
    ## MVH18V2AD-R: Technical Overview The **MVH18V2AD-R** is a specific electronic component, typically categorized as a **Metal Oxide Varistor (MOV)** or a specialized **Multilayer Varistor (MLV)** used for overvoltage protection and ESD (Electrostatic Discharge) suppression. --- ### 1. Key Technical Specifications Based on standard nomenclature for this series, here are the likely technical parameters: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Working Voltage (VDC)** | 18V | Maximum continuous DC voltage the device can handle. | | **Varistor Voltage** | ~22V - 27V | The voltage at which the device begins to conduct (at 1mA). | | **Clamping Voltage** | ~40V - 50V | The maximum voltage peak during a surge event. | | **Energy Rating** | ~0.1J - 0.5J | The amount of transient energy the part can dissipate. | | **Package Size** | 0603 or 0805 | Surface Mount Device (SMD) footprint. | | **Response Time** | < 1ns | Speed at which the device reacts to a transient. | --- ### 2. Functional Principles The MVH18V2AD-R functions as a non-linear resistor. Its resistance changes based on the applied voltage: 1. **Normal Operation:** Under the working voltage (18V), the device maintains high impedance, acting like an open circuit. 2. **Surge Event:** When a voltage spike (like ESD) exceeds the varistor voltage, the device's resistance drops instantly. 3. **Shunting:** It shunts the excess current to the ground, protecting sensitive downstream ICs. --- ### 3. Applications This part is commonly found in circuits requiring robust protection in a small form factor: * **USB Ports:** Protecting data lines from static. * **Power Rails:** Low-voltage DC input protection. * **Automotive Electronics:** Protection against load dump transients in 12V systems. * **Consumer Electronics:** Handheld devices and wearables. --- ### 4. Circuit Implementation In a typical schematic, the varistor is placed in parallel with the load. ```mermaid graph LR Input[Voltage Input] --- V[MVH18V2AD-R] V --- GND[Ground] Input --- Load[Protected IC/Circuit] Load --- GND ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum surge current rating for the MVH18V2AD-R?
    • ⤷ How does this varistor compare to a TVS diode for ESD protection?
    • ⤷ What are the recommended soldering profiles for this SMD component?