Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MVH62V2AD-R

  • AI
    The **MVH62V2AD-R** is a specific electronic component, typically categorized as an **Aluminum Electrolytic Capacitor**, often associated with automotive or industrial high-reliability series (like those produced by United Chemi-Con/Nippon Chemi-Con). Below is a detailed breakdown of its specifications and electronic characteristics. --- ### 1. General Specifications Based on the standard naming conventions for the MVH series, here are the technical parameters: | Parameter | Specification | | :--- | :--- | | **Component Type** | Surface Mount (SMD) Aluminum Electrolytic Capacitor | | **Series** | MVH (High Temperature / Low Impedance) | | **Capacitance** | 2.2 µF (Standard for the '2R2' or '2' designator) | | **Voltage Rating** | 63V DC (Indicated by the '62' or 'J' code in some variants) | | **Operating Temperature** | -40°C to +125°C | | **Endurance** | 1,000 to 2,000 hours at 125°C | | **Tolerance** | ±20% (M) | --- ### 2. Key Electronic Features #### A. High Temperature Resilience The "MVH" series is specifically designed for high-temperature environments. Unlike standard capacitors that fail at 85°C or 105°C, this part maintains its dielectric integrity up to **125°C**, making it suitable for under-the-hood automotive electronics. #### B. Low Impedance These capacitors are engineered to have low internal resistance (ESR). This allows them to handle ripple currents more efficiently without overheating, which is critical for power filtering and DC-DC conversion. #### C. AEC-Q200 Compliance Most parts in this series are **AEC-Q200 qualified**, meaning they have passed rigorous stress testing for vibration, thermal shock, and moisture resistance required for the automotive industry. --- ### 3. Physical Dimensions (Typical SMD Package) The "R" suffix often denotes the packaging style (Tape and Reel) and the specific case size code. | Case Code | Diameter (D) | Length (L) | | :--- | :--- | :--- | | **Standard Size** | Approx. 6.3mm | Approx. 5.7mm to 7.7mm | --- ### 4. Circuit Applications The MVH62V2AD-R is typically used in the following scenarios: 1. **Automotive ECUs:** Power supply smoothing for Engine Control Units. 2. **LED Drivers:** Filtering noise in high-voltage lighting circuits. 3. **Industrial Controls:** Reliability in environments with poor ventilation or high ambient heat. --- ### 5. Part Number Breakdown (Example) While manufacturers vary slightly, the nomenclature usually follows this logic: * **MVH:** Series Name (Vertical Chip, High Temp). * **62V:** Voltage Rating (63V). * **2AD:** Capacitance/Internal Design code. * **-R:** RoHS Compliant / Tape & Reel Packaging.
    ✨ Follow-up Questions
    • ⤷ What is the maximum ripple current rating for the MVH62V2AD-R?
    • ⤷ Are there lower ESR alternatives in the same footprint?
    • ⤷ What are the recommended soldering profiles for this SMD capacitor?