Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MVH65V2CG-R

  • AI
    Based on the part number **MVH65V2CG-R**, this component is a high-performance **Surface Mount (SMD) Aluminum Electrolytic Capacitor**, typically manufactured by **United Chemi-Con (UCC)**. It belongs to the **MVH Series**, which is designed for high temperature and low impedance applications. --- ## 1. Technical Specifications Below are the key electronic parameters derived from the part number coding: | Feature | Specification | Details | | :--- | :--- | :--- | | **Series** | MVH | Low impedance, high temperature (125°C) | | **Voltage Rating** | 65V | Rated DC Working Voltage | | **Capacitance** | *Varies (see note)* | Usually denoted by the middle digits | | **Case Size Code** | 2CG | Refers to diameter and length (e.g., 10x10.5mm) | | **Temperature Range** | -40°C to +125°C | Designed for harsh environments | | **Tolerance** | ±20% (M) | Standard industry tolerance | | **RoHS Status** | Compliant (-R) | Lead-free construction | --- ## 2. Key Characteristics ### A. High Reliability (125°C) The MVH series is specifically engineered to withstand high ambient temperatures. While standard capacitors are rated at 85°C or 105°C, this part is rated for **125°C**, making it suitable for automotive and industrial power supplies. ### B. Low Impedance & High Ripple Current * **Low ESR:** Designed to minimize energy loss during charging/discharging cycles. * **Ripple Current:** Capable of handling significant AC currents superimposed on the DC signal, which is critical for voltage regulation. ### C. Surface Mount Design (V-Chip) The "V" in the series often designates a vertical chip (V-Chip) construction. This allows for automated pick-and-place assembly on PCBs, saving space compared to radial (through-hole) capacitors. --- ## 3. Typical Applications The MVH65V2CG-R is commonly found in circuits requiring high durability: 1. **Automotive Electronics:** Engine Control Units (ECU), lighting systems, and sensors. 2. **DC-DC Converters:** Smoothing output voltage in power modules. 3. **Industrial Equipment:** Inverters and motor drive controllers. 4. **Telecommunications:** Power backup and filtering in base stations. --- ## 4. Part Number Breakdown Logic * **MVH:** Series Name (Low Impedance, 125°C). * **65V:** Voltage rating (65 Volts). * **2CG:** Case size designation (Diameter x Height). * **-R:** RoHS compliance / Tape & Reel packaging indicator. ---
    ✨ Follow-up Questions
    • ⤷ What is the rated lifetime (in hours) of the MVH series at 125°C?
    • ⤷ Are there specific soldering reflow profiles recommended for the 2CG case size?
    • ⤷ How does the MVH series compare to the MVE or MVK series from United Chemi-Con?