Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MVH66V1CD-R

  • AI
    The **MVH66V1CD-R** is a specific part number typically associated with **Vertical Chip (SMD) Aluminum Electrolytic Capacitors**. These components are widely used in automotive electronics, industrial power supplies, and high-density circuit boards due to their reliability and compact surface-mount design. --- ## 1. Technical Specifications Based on the standard naming conventions for this series (often manufactured by companies like United Chemi-Con), here are the typical technical parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Capacitance** | Varies (often indicated by the "66" or internal codes) | | **Voltage Rating** | 6.3V to 50V DC (Common range for MVH series) | | **Mounting Type** | Surface Mount (SMD / Chip) | | **Temperature Range** | -40°C to +125°C | | **Endurance** | 1,000 to 5,000 hours at 125°C | | **Construction** | Aluminum Electrolytic (Polarized) | --- ## 2. Key Features The MVH series is designed for "High Temperature" and "Low Impedance" environments. * **Reflow Soldering Compatible:** Specifically designed to withstand the heat of infrared or convection reflow ovens used in automated PCB assembly. * **Vibration Resistance:** The "V" in the series often denotes a vibration-resistant structure with auxiliary terminals to secure the component against mechanical stress. * **AEC-Q200 Compliant:** Most components in this category are qualified for automotive use, meaning they can handle harsh engine-compartment environments. --- ## 3. Part Number Breakdown (Generic Mapping) While manufacturers have slight variations, the code generally breaks down as follows: | Segment | Meaning | | :--- | :--- | | **MVH** | Series Name (High temperature, low impedance) | | **66** | Case Size or Capacitance Code | | **V** | Voltage Code or Vertical Mount designation | | **1CD** | Internal Manufacturer Control Code / Tolerance | | **-R** | Tape and Reel packaging for automated pick-and-place | --- ## 4. Common Applications * **Automotive ECU:** Engine Control Units and Powertrain modules. * **DC/DC Converters:** Smoothing output current in power supplies. * **LED Lighting:** Drivers that operate at high ambient temperatures. * **Industrial Automation:** Control boards requiring long-life components.
    ✨ Follow-up Questions
    • ⤷ What is the exact capacitance value for the 66 code in this series?
    • ⤷ Are there equivalent alternatives from brands like Nichicon or Panasonic?
    • ⤷ What are the recommended reflow soldering profiles for this SMD capacitor?