Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MVIH5010DXH

  • AI
    The **MVIH5010DXH** is a specialized high-performance IGBT (Insulated Gate Bipolar Transistor) Power Module typically used in industrial motor drives, renewable energy inverters, and high-power switching applications. --- ### 1. Technical Overview This module integrates several power electronic components into a single package to handle high voltage and current with high efficiency. It is designed for three-phase systems. | Parameter | Description | | :--- | :--- | | **Component Type** | IGBT Power Module | | **Circuit Configuration** | 3-Phase Bridge (Inverter) | | **Voltage Rating** | Typically 600V - 1200V (depending on series sub-specs) | | **Current Rating** | High-amperage capacity (Industrial Grade) | | **Switching Speed** | High frequency optimized for PWM (Pulse Width Modulation) | --- ### 2. Key Electronic Components Inside The module is not a single transistor but a complex assembly: * **IGBT Chips:** The main switching elements that combine the simple gate drive of a MOSFET with the high-current/low-saturation voltage capability of a bipolar transistor. * **Freewheeling Diodes (FWD):** Connected in anti-parallel with each IGBT. These protect the transistors from inductive voltage spikes (back-EMF) when the current is switched off. * **Thermistor (NTC):** Usually includes an internal Negative Temperature Coefficient resistor for real-time temperature monitoring and thermal protection. * **Substrate:** Direct Copper Bonded (DCB) ceramic, which provides excellent electrical insulation and high thermal conductivity to the heatsink. --- ### 3. Application Use Cases The electronic design of the MVIH5010DXH makes it suitable for: 1. **Variable Frequency Drives (VFDs):** Controlling the speed of AC motors in HVAC or manufacturing. 2. **Uninterruptible Power Supplies (UPS):** Converting DC battery power back into clean AC power. 3. **Solar Inverters:** Converting DC from photovoltaic panels into grid-compatible AC. 4. **Welding Machines:** Managing high-current switching for industrial arc welding. --- ### 4. Implementation Diagram (Conceptual) ```mermaid graph LR DC_Positive --> IGBT_HighSide IGBT_HighSide --> Phase_Output Phase_Output --> IGBT_LowSide IGBT_LowSide --> DC_Negative Gate_Driver --> IGBT_HighSide Gate_Driver --> IGBT_LowSide ```
    ✨ Follow-up Questions
    • ⤷What is the maximum junction temperature for the MVIH5010DXH?
    • ⤷ Which gate driver IC is recommended for this specific IGBT module?
    • ⤷ Can you provide the pinout diagram for the MVIH series modules?